Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC767LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC767LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC767LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC767LP6CE Datasheet HTML 1Page - Analog Devices HMC767LP6CE Datasheet HTML 2Page - Analog Devices HMC767LP6CE Datasheet HTML 3Page - Analog Devices HMC767LP6CE Datasheet HTML 4Page - Analog Devices HMC767LP6CE Datasheet HTML 5Page - Analog Devices HMC767LP6CE Datasheet HTML 6Page - Analog Devices HMC767LP6CE Datasheet HTML 7Page - Analog Devices HMC767LP6CE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC767LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 8.45 - 9.55 GHz
SSB Phase Noise vs. Frequency,
Integer Mode, Fref = 50 MHz,
Loop BW = 100 kHz
SSB Phase Noise vs. Temperature
@ 9.0 GHz, Integer Mode,
Fref = 50 MHz, Loop BW = 100 kHz
SSB Phase Noise vs. Reference Freq. &
Loop BW @ 9.0 GHz, Integer Mode
SSB Phase Noise Fractional Spurs @
9.01 GHz, Fref = 10 MHz,
Loop BW = 10 kHz
Reference Input Sensitivity,
Square Wave, 50Ω
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
2
10
3
10
4
10
5
10
6
10
7
8.4 GHz
9.0 GHz
9.6 GHz
OFFSET FREQUENCY (Hz)
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
2
10
3
10
4
10
5
10
6
10
7
Fref = 10MHz, Loop BW = 10kHz
Fref = 50MHz, Loop BW = 100kHz
OFFSET FREQUENCY (Hz)
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-235
-230
-225
-220
-215
-15
-10
-5
0
5
10
14 MHz sq
25 MHz sq
50 MHz sq
100 MHz sq
REFERENCE POWER (dBm)
100 MHz
14 MHz
50 MHz
25 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
2
10
3
10
4
10
5
10
6
10
7
+ 25C
+ 85C
- 40C
OFFSET FREQUENCY (Hz)
Reference Input Sensitivity,
Sinusoid Wave, 50Ω
-235
-230
-225
-220
-215
-210
-205
-200
-20
-15
-10
-5
0
5
REFERENCE POWER (dBm)
14 MHz
25 MHz
50 MHz
100 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com