Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC783LP6CE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC783LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC783LP6CE Datasheet(HTML) 1 Page - Analog Devices

  HMC783LP6CE Datasheet HTML 1Page - Analog Devices HMC783LP6CE Datasheet HTML 2Page - Analog Devices HMC783LP6CE Datasheet HTML 3Page - Analog Devices HMC783LP6CE Datasheet HTML 4Page - Analog Devices HMC783LP6CE Datasheet HTML 5Page - Analog Devices HMC783LP6CE Datasheet HTML 6Page - Analog Devices HMC783LP6CE Datasheet HTML 7Page - Analog Devices HMC783LP6CE Datasheet HTML 8Page - Analog Devices HMC783LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC783LP6CE
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 11.5 - 12.5 GHz
v03.0411
Functional Diagram
Features
• rF Bandwidth: 11.5 gHz to 12.5 gHz
• Fractional or Integer Modes
• Ultra Low Phase noise
12 gHz; 50 MHz ref.
-95 / -99 dBc/Hz @ 10 kHz (Frac / Int)
-134 dBc/Hz @ 1 MHz (Open Loop)
• Figure of Merit (FOM)
-221 / -226 dBc/Hz (Frac / Int)
• 24-bit Step Size, resolution 3 Hz typ
• 225 MHz, 14-bit reference path input
• direct FSK Modulation Mode
• Cycle Slip Prevention
• read / Write Serial Port, Chip Id
• 40 Lead 6 x 6 mm SMt Package: 36 mm²
Typical Applications
• VSat radio
• Point-to-Point / Multi-Point radio
• test equipment & Industrial Control
• Military end-Use
• Phased array applications
[1] Please refer to the pin description table for details
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC783LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_10 Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_11 Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 11.5 - 12.5 GHz
More results

Similar Description - HMC783LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com