Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC820LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC820LP6CE
Description  FRACTIONAL-N PLLs w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC820LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC820LP6CE Datasheet HTML 1Page - Analog Devices HMC820LP6CE Datasheet HTML 2Page - Analog Devices HMC820LP6CE Datasheet HTML 3Page - Analog Devices HMC820LP6CE Datasheet HTML 4Page - Analog Devices HMC820LP6CE Datasheet HTML 5Page - Analog Devices HMC820LP6CE Datasheet HTML 6Page - Analog Devices HMC820LP6CE Datasheet HTML 7Page - Analog Devices HMC820LP6CE Datasheet HTML 8Page - Analog Devices HMC820LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC820LP6CE
v06.1211
FRACTIONAL-N PLLs w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Free Running VCO Phase Noise
Over Temperature
Typical VCO Tuning Voltage After
Calibration
Closed Loop Integer Phase Noise
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
1095 MHz FF
2190 MHz FF
4380 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
1096 MHz FF
2192 MHz FF
4384 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
10
3
10
4
10
5
10
6
10
7
10
8
1095 MHz FF
2190 MHz FF
4380 MHz FF
OFFSET FREQUENCY (Hz)
900
950
1000
1050
1100
012
3
4
5
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n31
fmax
fmin
fmax
n30
-170
-160
-150
-140
-130
-120
-110
-100
+27C
+85C
-40C
2150
2206
2263
2319
2375
2431
2487
2544
2600
FREQUENCY (MHz)
1 MHz Offset
100 kHz Offset
10 MHz Offset
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
Typical Closed Loop Fractional Phase
Noise [1]
Typical Tuning Curves vs. Switch Position
Free Running Phase Noise
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com