Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC826LP6CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC826LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC826LP6CE Datasheet(HTML) 2 Page - Analog Devices

  HMC826LP6CE Datasheet HTML 1Page - Analog Devices HMC826LP6CE Datasheet HTML 2Page - Analog Devices HMC826LP6CE Datasheet HTML 3Page - Analog Devices HMC826LP6CE Datasheet HTML 4Page - Analog Devices HMC826LP6CE Datasheet HTML 5Page - Analog Devices HMC826LP6CE Datasheet HTML 6Page - Analog Devices HMC826LP6CE Datasheet HTML 7Page - Analog Devices HMC826LP6CE Datasheet HTML 8Page - Analog Devices HMC826LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
General Description
The HMC826LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) with an Integrated Voltage Controlled
Oscillator (VCO). The PLL consists of an integrated low noise VCO with divide-by-2 output, an autocalibration
subsystem for low voltage VCO tuning, a very low noise digital Phase Detector (PD), a precision controlled charge
pump, a low noise reference path divider and a fractional divider.
The fractional PLL features an advanced delta-sigma modulator design that allows both ultra-fine step sizes and low
spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow faster frequency
hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for faster frequency
hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs with Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC826LP6CE from the “Search by Part
Number” pull down menu.
HMC826LP6CE
v05.1211
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 990 - 1105 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency at PLL Input
1980
2210
MHz
RF Output Frequency at fVCO/2
990
1105
MHz
RF Output Power at fVCO/2
8
11
15
dBm
VCO Tuning Sensitivity
Measured at 2 GHz, 2V
15
MHz/V
VCO Supply Pushing
Measured at 2 GHz, 2V
-2
1.5
MHz/V
RF Output 2nd Harmonic
-25
dBc
RF Output 3rd Harmonic
-23
dBc
RF Output 4th Harmonic
-31
dBc
RF Output 5th Harmonic
-33
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
20
524,283
REF Input Characteristics
Max Ref Input Frequency
Synthesizer phase noise can
degrade by about 5dB when
operating with a reference
frequency near the low end of
this range.
10
50
200
MHz
Ref Input Range
AC Coupled
1.5
2
3.3
Vpp
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Phase Detector (PD)
PD Frequency Fractional Feedback Mode
[1]
0.1
100
MHz
PD Frequency Fractional Feedforward Mode
(and Register 6 [17:16] = 10)
0.1
80
MHz
PD Frequency Integer Mode
[1]
0.1
125
MHz
Electrical Specifications, T
A = +25° C
VPPCP, VDDCP, VCC1, VCC2 = 5V ±4%; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS =
3.3V ±6% GNDCP = GNDLS = Ground Paddle = 0V
Note 1: This maximum phase detector frequency can only be achieved if the minimum N value is respected. eg. In the case of fractional feedback
mode, the maximum PFD rate = fvco/20 or 100MHz, whichever is less.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com