Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6136 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6136
Description  Ultra-Low Power (88nA) Voltage Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6136 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6136 Datasheet HTML 15Page - Torex Semiconductor XC6136 Datasheet HTML 16Page - Torex Semiconductor XC6136 Datasheet HTML 17Page - Torex Semiconductor XC6136 Datasheet HTML 18Page - Torex Semiconductor XC6136 Datasheet HTML 19Page - Torex Semiconductor XC6136 Datasheet HTML 20Page - Torex Semiconductor XC6136 Datasheet HTML 21Page - Torex Semiconductor XC6136 Datasheet HTML 22Page - Torex Semiconductor XC6136 Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
XC6136
Series
■
MARKING RULE
MARK
PRODUCT SERIES
X
XC6136******-G
③
,④ represents production lot number
01~09, 0A~0Z, 11~9Z, A1~A9, AA~A9, AA~Z9 repeated.
(G,I,J,O,Q,W excluded)
* No character inversion used.
USPQ-4B05 (with underline mark)
SSOT-24 (with underline mark)
③
④
①
②
1
2
4
3
1
2
3
4
①
represents products series
②
represents internal sequential number
0~9、A~Z repeated.
(G, I, J, O, Q, W excluded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com