Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT507 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HT507
Description  High Temperature Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT507 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HT507 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT507 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT507 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT507 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HT506/HT507
4
www.honeywell.com
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Voltages Referenced to V-, V+
+15
V
Digital Inputs VS, VD
-0.5 to VDD +0.5
V
Current (any terminal)
10
mA
Peak Current, S or D, (Pulsed at 1ms, 10% Duty Cycle Max)
15
mA
Storage Temperature
-65 to +325
C
Power Dissipation (Package)
500
mW
ESD Protection
1000
V
28-LEAD PACKAGE
ORDERING INFORMATION
Find out more
For
more information on Honeywell’s High Temperature Electronics visit us online at www.honeywell.com/hightemp
or contact us at 800-323-8295 or 763-954-2474. Customer Service Email: ps.customer.support@honeywell.com.
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Honeywell
12001 Highway 55
Plymouth, MN 55441
Tel: 800-323-8295
www.honeywell.com/hightemp
Form #900200
October 2010
©2010 Honeywell International Inc.
T
506
Source
H = Honeywell
Process
T = Hi Temp SOI
Part Type
506 = 16:1 Single-Ended
507 = 8:1 Differential
H
D
C
Package
D = Standard
DIP
Screening Level
C= Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com