| Electronic Components Datasheet Search |
|
PBLS1502V Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBLS1502V Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 14 page ![]() 9397 750 13448 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 02 — 4 November 2004 9 of 14 Philips Semiconductors PBLS1502Y; PBLS1502V 15 V PNP BISS loadswitch 8. Package outline Fig 13. Package outline SOT363 (SC-88). REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOT363 SC-88 wB M bp D e1 e pin 1 index A A1 Lp Q detail X HE E v M A A B y 0 1 2 mm scale c X 13 2 4 5 6 Plastic surface mounted package; 6 leads SOT363 UNIT A1 max bp cD E e1 HE Lp Qy w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 DIMENSIONS (mm are the original dimensions) 0.45 0.15 0.25 0.15 A 1.1 0.8 97-02-28 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |