Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM76 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM76 Datasheet(HTML) 3 Page - TT Electronics.

  HM76 Datasheet HTML 1Page - TT Electronics. HM76 Datasheet HTML 2Page - TT Electronics. HM76 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Case Size Figure
A
B
C
D
E
F
G
H
I
K
10
1
.280
.188
.127
.218 .059
.10
-
.067 .051
-
7.30
4.78
3.23
5.54 1.50 2.54
1.70 1.30
20
3
.508
.370
.137
.402 .120 135
-
.102 .107
-
12.90 9.40
3.50 10.21 3.05 3.43
2.59 2.72
30
1
.530
.370
.232
.404 .120 .135
-
.102 .107
-
13.46 9.40
5.90 10.26 3.05 3.43
2.59 2.72
40
2
.634
.622
.292
.520 .157 .157 .466
-
-
.098
16.10 15.80 7.41 13.21 4.00 4.00 11.84
2.50
50
3
.746
.60
.284
.595 .145 .135
=
.102 .102
=
18.95 15.24 7.21 15.11 3.68 3.43
2.59 2.59
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
105
Packaging
Standard: Embossed Tape and Reel
All units orientated with lead #1 to the same side of sprocket hole.
Reel: Diameter: Case size 10
=
7” (177.8mm)
All Other Case Sizes
=
13” (330.2mm)
Capacity: Case size 10
=
500 Units
Case size 20
=
1,000 Units
Case size 30
=
350 Units
Case size 40
=
200 Units
Case size 50
=
200 Units
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
Model Series
Case Size:
10 (Figure 1) 40 (Figure 2)
20 (Figure 3) 50 (Figure 3)
30 (Figure 1)
Termination Type
HM76 - 20 100 J LF
TR13
Outline Dimensions (Inch/mm)
Figure 1
( Case Size: 10 & 30 )
Figure 2
( Case Size: 40 )
Figure 3
( Case Size: 20 & 50 )
Recommended Solder Pad Layouts
(1) For Case Size: 10, 20, 30 & 50
(2)ForCaseSize:40
Lead-Free
TR: Tape & Reel
Packing
7 – 7” reel
13 – 13” reel
Case size Figure
A
B
C
D
E
F
G
H
I
K
1
3
1
2
3
.280
7.30
.508
12.90
.530
13.46
.634
16.10
.746
18.95
.188
4.78
.370
9.40
.370
9.40
.622
15.80
.60
15.24
.127
3.23
.137
3.50
.232
5.90
.292
7.41
.284
7.21
.218
5.54
.402
10.21
.404
10.26
.520
13.21
.595
15.11
.059
1.50
.120
3.05
.120
3.05
.157
4.00
.145
3.68
.10
2.54
_
_
_
_
_
_
_
_
.135
3.43
.135
3.43
.157
4.00
.135
3.43
.466
11.84
.067
1.70
.102
2.59
.102
2.59
.102
2.59
.051
1.30
.107
2.72
.107
2.72
.103
2.62
.098
2.50
10
20
30
40
50
_
_
Drum Core, Space Efficient High Performance
Surface Mount Inductors
Model HM76
Outline Dimensions (Inch/mm)
HM76 - 20 100 J LF TR13
Model Series
Case Size:
10 (Figure 1) 40 (Figure 2)
20 (Figure 3) 50 (Figure 3)
30 (Figure 1)
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
TR: Tape & Reel
Packing
7 – 7” reel
13 – 13” reel
Lead-Free
Termination Type
Ordering Information
Packaging
Standard
Embossed Tape and Reel
All units orientated with lead #1 to the same side of sprocket hole.
Reel:
Diameter:
=
7” (177.8mm)
All Other Case Sizes
=
13” (330.2mm)
Capacity: Case size 10 =
500 units
Case size 20 =
1000 units
Case size 30 =
350 units
Case size 40 =
200 units
Case size 50 =
200 units
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com