Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM78 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM78 Datasheet(HTML) 2 Page - TT Electronics.

  HM78 Datasheet HTML 1Page - TT Electronics. HM78 Datasheet HTML 2Page - TT Electronics. HM78 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Surface
Mount Inductors
MODEL HM78
Packaging
Schematic
Specifications@25°C(Continued)
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
HM78-45680LF
68
0.220
1.5
3
HM78-50151LF
150
0.23
1.0
3
HM78-45820LF
82
0.260
1.3
3
HM78-50181LF
180
0.29
0.9
3
HM78-45101LF
100
0.308
1.2
3
HM78-50221LF
220
0.40
0.8
3
HM78-45121LF
120
0.380
1.1
3
HM78-50271LF
270
0.46
0.75
3
HM78-45151LF
150
0.530
0.95
3
HM78-50331LF
330
0.51
0.68
3
HM78-45181LF
180
0.620
0.85
3
HM78-50391LF
390
0.69
0.65
3
HM78-45221LF
220
0.700
0.80
3
HM78-50471LF
470
0.77
0.58
3
HM78-45271LF
270
0.876
0.60
3
HM78-50561LF
560
0.86
0.54
3
HM78-45331LF
330
0.990
0.50
3
HM78-50681LF
680
1.20
0.48
3
HM78-501R5LF
1.5±25%
0.012
13.0
3
HM78-50821LF
820
1.34
0.43
3
HM78-502R2LF
2.2±25%
0.014
7.0
3
HM78-50102LF
1000
1.53
0.40
3
HM78-503R1LF
3.1±25%
0.017
6.0
3
HM78-50182LF
1800
3.20
0.30
3
HM78-504R4LF
4.4±25%
0.020
5.0
3
HM78-601R4LF
1.4±30%
0.007
12.0
3
HM78-505R2LF
5.2±25%
0.021
4.4
3
HM78-602R4LF
2.4±30%
0.012
8.0
3
HM78-507R5LF
7.5±25%
0.024
4.2
3
HM78-603R9LF
3.9±30%
0.014
7.5
3
HM78-50100LF
10
0.025
4.0
3
HM78-604R7LF
4.7±30%
0.016
6.8
3
HM78-50120LF
12
0.027
3.5
3
HM78-605R6LF
5.6±30%
0.018
6.6
3
HM78-50150LF
15
0.030
3.3
3
HM78-607R6LF
7.6±30%
0.020
5.9
3
HM78-50180LF
18
0.034
3.0
3
HM78-60100LF
10
0.022
5.4
3
HM78-50220LF
22
0.036
2.8
3
HM78-60120LF
12
0.025
4.9
3
HM78-50270LF
27
0.051
2.3
3
HM78-60150LF
15
0.027
4.5
3
HM78-50330LF
33
0.057
2.1
3
HM78-60180LF
18
0.039
3.9
3
HM78-50390LF
39
0.068
2.0
3
HM78-60220LF
22
0.043
3.6
3
HM78-50470LF
47
0.075
1.8
3
HM78-60270LF
27
0.046
3.4
3
HM78-50560LF
56
0.11
1.7
3
HM78-60330LF
33
0.065
3.0
3
HM78-50680LF
68
0.12
1.5
3
HM78-60390LF
39
0.073
2.75
3
HM78-50820LF
82
0.14
1.4
3
HM78-60470LF
47
0.085
2.5
3
HM78-50101LF
100
0.16
1.5
3
HM78-60221LF
220
0.37
1.2
3
HM78-50121LF
120
0.17
1.1
3
Notes:
(1)Inductanceismeasuredat1.0kHzwithoutDCcurrent.
(2) RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby10%fromitsinitial(zeroDC)valueortheDCcurrent
atwhichΔT=40°C,whicheverislower.
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 10, 30, 40
=
1,000 Units
Case size 20, 45, 50, 60
=
500 Units
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com