Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1256 Datasheet(PDF) 13 Page - OKI electronic componets

Part # KGF1256
Description  Medium-Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1256 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button KGF1256 Datasheet HTML 6Page - OKI electronic componets KGF1256 Datasheet HTML 7Page - OKI electronic componets KGF1256 Datasheet HTML 8Page - OKI electronic componets KGF1256 Datasheet HTML 9Page - OKI electronic componets KGF1256 Datasheet HTML 10Page - OKI electronic componets KGF1256 Datasheet HTML 11Page - OKI electronic componets KGF1256 Datasheet HTML 12Page - OKI electronic componets KGF1256 Datasheet HTML 13Page - OKI electronic componets KGF1256 Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
KGF1256B/1256
¡ electronic components
Test Circuit and Bias Configuration for KGF1256B at 1.5 GHz
Test Circuit and Bias Configuration for KGF1256B at 850 MHz
IN
T1: Z0 = 75 W, E = 30 deg
T2: Z0 = 75 W, E = 28 deg
T3 = T6: Z0 = 100 W, E = 5 deg
C1 = 7.0 pF, C2 = 0.8 pF, C3 = 5.0 pF, C4 = 5.5 pF, CS = 100 pF
CC(DC Block) = 1000 pF, CF(Feed through) = 1000 pF
RFC = 200 nH, RG = 1000 W
OUT
(1)
(3)
(2)
(4)
KGF
1256B
RG
CC
T2
T1
C1
CS
T5
T4
C4
CC
CF
VDD
RFC
T4: Z0 = 75 W, E = 30 deg
T5: Z0 = 75 W, E = 30 deg
T7: Z0 = 100 W, E = 1 deg
T3
C2
T7
T6
C3
IN
T1: Z0 = 75 W, E = 65 deg
T2: Z0 = 75 W, E = 40 deg
T3 = T6 = T7: Z0 = 100 W, E = 8 deg
C1 = 2.4 pF, C2 = 1.2 pF, C3 = 0.6 pF, CS = 100 pF
CC(DC Block) = 1000 pF, CB(By-pass) = 1000 pF, CF(Feed through) = 1000 pF
RFC = 60 nH, RG = 1000 W
OUT
(1)
(3)
(2)
(4)
KGF
1256B
RG
CC
T2
T1
CS
T5
T4
C3
CC
VDD
RFC
T4: Z0 = 75 W, E = 50 deg
T5: Z0 = 75 W, E = 50 deg
T8: Z0 = 100 W, E = 1 deg
T3
C1
T8
T6
C2
T7
CB
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com