Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN240N25X3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN240N25X3
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN240N25X3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN240N25X3 Datasheet HTML 1Page - IXYS Corporation IXFN240N25X3 Datasheet HTML 2Page - IXYS Corporation IXFN240N25X3 Datasheet HTML 3Page - IXYS Corporation IXFN240N25X3 Datasheet HTML 4Page - IXYS Corporation IXFN240N25X3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved.
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
250
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
250
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C (Chip Capability)
240
A
I
L(RMS)
External Lead Current Limit
200
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
600
A
I
A
T
C = 25C
200
A
E
AS
T
C = 25C3
J
P
D
T
C = 25C
695
W
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
20
V/ns
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
I
ISOL  1mA
t = 1 second
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/lb.in
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
250
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS =  20V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
2.5 mA
R
DS(on)
V
GS = 10V, ID = 120A, Note 1
3.5
4.5 m
IXFN240N25X3
V
DSS
= 250V
I
D25
= 240A
R
DS(on)
 4.5m
DS100841B(9/18)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
X3-Class HiPerFETTM
Power MOSFET
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
Isolation Voltage 2500V~
High Current Handling Capability
Fast Intrinsic Diode
Avalanche Rated
Low R
DS(on)
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
miniBLOC, SOT-227




E153432
G
D
S
S
G = Gate
D = Drain
S = Source
S
S
D
G
Preliminary Technical Information


Similar Part No. - IXFN240N25X3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN240N15T2 IXYS-IXFN240N15T2 Datasheet
178Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
More results

Similar Description - IXFN240N25X3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com