Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH64N10L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH64N10L2
Description  N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH64N10L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH64N10L2 Datasheet HTML 1Page - IXYS Corporation IXTH64N10L2 Datasheet HTML 2Page - IXYS Corporation IXTH64N10L2 Datasheet HTML 3Page - IXYS Corporation IXTH64N10L2 Datasheet HTML 4Page - IXYS Corporation IXTH64N10L2 Datasheet HTML 5Page - IXYS Corporation IXTH64N10L2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
100
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
100
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C
64
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
140
A
I
A
T
C = 25C
32
A
E
AS
T
C = 25C
2
J
P
D
T
C = 25C
357
W
T
J
-55 to +150
C
T
JM
+150
C
T
stg
-55 to +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
LinearL2TM Power
MOSFETs w/Extended
FBSOA
IXTA64N10L2
IXTP64N10L2
IXTH64N10L2
DS100557(8/13)
V
DSS
= 100V
I
D25
= 64A
R
DS(on)
 32m
Advance Technical Information
N-Channel Enhancement Mode
Guaranteed FBSOA
Avalanche Rated
Features
Designed for Linear Operation
International Standard Packages
Avalanche Rated
Guaranteed FBSOA at 75
C
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Solid State Circuit Breakers
Soft Start Controls
Linear Amplifiers
Programmable Loads
Current Regulators
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
100
V
V
GS(th)
V
DS = VGS, ID = 250A
2.5
4.5
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J
= 125
C
25
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
32 m
G
D S
TO-220AB (IXTP)
D (Tab)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
TO-263AA (IXTA)
G
S
D (Tab)


Similar Part No. - IXTH64N10L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH64N10L2 IXYS-IXTH64N10L2 Datasheet
351Kb / 7P
N-Channel Power MOSFET
IXTH64N10L2 IXYS-IXTH64N10L2 Datasheet
180Kb / 6P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IXTH64N10L2 ISC-IXTH64N10L2 Datasheet
383Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH64N10L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN90N25L2 IXYS-IXTN90N25L2 Datasheet
176Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTN5N250 IXYS-IXTN5N250 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Guaranteed FBSOA
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTH75N10L2 IXYS-IXTH75N10L2 Datasheet
145Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTH110N10L2 IXYS-IXTH110N10L2 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTK8N150L IXYS-IXTK8N150L Datasheet
153Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA
IXTK110N20L2 IXYS-IXTK110N20L2 Datasheet
164Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTA80N075L2 IXYS-IXTA80N075L2 Datasheet
174Kb / 6P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTH2N150L IXYS-IXTH2N150L Datasheet
115Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTK17N120L IXYS-IXTK17N120L Datasheet
159Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Guaranteed FBSOA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com