Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT802/RM-11 Datasheet(PDF) 6 Page - Hirose Electric

Part # HT802/RM-11
Description  Circular Connectors Conforming to JIS C 5432
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 6 Page - Hirose Electric

  HT802/RM-11 Datasheet HTML 1Page - Hirose Electric HT802/RM-11 Datasheet HTML 2Page - Hirose Electric HT802/RM-11 Datasheet HTML 3Page - Hirose Electric HT802/RM-11 Datasheet HTML 4Page - Hirose Electric HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
19.3
A−A
B
A
A
23.7
A−A
B
A
A
17
A−A
B
A
A
24
A−A
B
A
A
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contact
JRC-PC2-112
114-0243-3
1.6
2.0
20 to 24 AWG
JRC-PC2-122
114-0244-6
1.45
1.5
24 to 28 AWG
Reel
contact
JRC-PC2-212
114-0245-9
1.6
2.0
20 to 24 AWG
JRC-PC2-222
114-0246-1
1.45
1.5
24 to 28 AWG
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contact
JRC-PC-112
114-0239-6
2.3
2.9
16 to 20 AWG
Reel
contact
JRC-PC-212
114-0240-5
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contact
JRC-SC2-112
114-0247-4
1.6
2.0
20 to 24 AWG
JRC-SC2-122
114-0248-7
1.45
1.5
24 to 28 AWG
Reel
contact
JRC-SC2-212
114-0249-0
1.6
2.0
20 to 24 AWG
JRC-SC2-222
114-0250-9
1.45
1.5
24 to 28 AWG
Note : Loose contact in pack of 100 pcs. Reel contact contains 8,000 pcs.
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contact
JRC-SC-112
114-0241-8
2.3
2.9
16 to 20 AWG
Reel
contact
JRC-SC-212
114-0242-0
Note : Loose contact in pack of 100 pcs. Reel contact contains 5,000 pcs.
Crimp Contacts
Contact diameter Ø1.0mm
Male contact
Female contact
Contact diameter Ø1.6mm
Male contact
Female contact
6
JR Series
●Circular Connectors Conforming to JIS C 5432



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com