| Electronic Components Datasheet Search |
|
SP2996BEN/TR Datasheet(PDF) 9 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP2996BEN/TR Datasheet(HTML) 9 Page - Sipex Corporation |
|
9 / 10 page ![]() 9 Date: 07/7/05 SP2996B 2A Termination Regulator © Copyright 2005 Sipex Corporation PACKAGE: 8 PIN NSOIC A A2 A1 SIDE VIEW Seating Plane Gauge Plane L1 L Ø Ø1 Ø Seating Plane L2 VIEW C TOP VIEW b SEE VIEW C B B SECTION B-B WITH PLATING c BASE METAL b SYMBOL MIN NOM MAX A0.053 - 0.069 A1 0.004 - 0.010 A2 0.049 - 0.065 b0.012 - 0.020 c0.007 - 0.010 D E E1 e L0.016 - 0.050 L1 L2 ø0º - 8º ø1 5º - 15º Note: Dimensions in (inches) Conversion Factor: 1 Inch = 25.40 mm 8 Pin NSOIC JEDEC MS-012 (AA) Variation 0.050 BSC 0.04 REF 0.010 BSC 0.193 BSC 0.236 BSC 0.154 BSC SYMBOL MIN NOM MAX A1.35 - 1.75 A1 0.10 - 0.25 A2 1.25 - 1.65 b0.31 - 0.51 c0.17 - 0.25 D E E1 e L0.40 - 1.27 L1 L2 ø0º - 8º ø1 5º - 15º Note: Dimensions in (mm) Controlling Dimension 8 Pin NSOIC JEDEC MS-012 (AA) Variation 4.90 BSC 6.00 BSC 3.90 BSC 1.27 BSC 1.04 REF 0.25 BSC E E/2 E1 INDEX AREA (D/2 X E1/2) E1/2 D 1 e |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |