Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD17NF03LT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD17NF03LT4
Description  N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03LT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STD17NF03LT4 Datasheet HTML 1Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 2Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 3Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 4Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 5Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 6Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 7Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 8Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD17NF03L - STD17NF03L-1
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)30
V
VGS
Gate- source voltage
± 16
V
ID
Drain current (continuous) at TC = 25°C
17
A
ID
Drain current (continuous) at TC = 100°C
12
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
68
A
Ptot
Total dissipation at TC = 25°C
30
W
Derating Factor
0.2
W/°C
dv/dt(2)
2.
ISD ≤17A, di/dt ≤300A/µs, VDD =V(BR)DSS, Tj ≤TJMAX
Peak diode recovery avalanche energy
7
V/ns
EAS
(3)
3.
Starting Tj = 25 °C, ID = 8.5A, VDD = 15V
Single pulse avalanche energy
200
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
5.0
°C/W
Rthj-amb
Thermal resistance junction-to ambient max
100
°C/W
TJ
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com