Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843256BGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS843256BGLF Datasheet HTML 1Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 2Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 3Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 4Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 5Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 6Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 7Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
843256
DATASHEET
843256 REVISION B DECEMBER 18, 2014
1
©2014 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 843256 is a Crystal-to-3.3V LVPECL Clock Synthesizer/Fanout
Buffer designed for Fibre Channel and Gigabit Ethernet applications.
The output frequency can be set using the frequency select pins and
a 25MHz crystal for Ethernet frequencies, or a 19.44MHz crystal for
SONET. The low phase noise characteristics of the 843256 make it
an ideal clock for these demanding applications.
FEATURES
• Six 3.3V differential LVPECL output pairs
• Output frequency range: 62.5MHz to 625MHz
• Crystal input frequency range: 15.625MHz to 25.5MHz
• RMS phase jitter at 156.25MHz, using a 25MHz crystal
(1.875MHz to 20MHz): 0.41ps (typical) @ 3.3V
• Operating supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
BLOCK DIAGRAM
OSC
PLL
M
Feedback
Divider
N
Output
Divider
1
0
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
XTAL_IN
XTAL_OUT
PLL_BYPASS
FB_SEL
N_SEL1
Pullup
Pullup
Pullup
Pulldown
N_SEL0
24-Lead TSSOP, E-Pad
4.40mm x 7.8mm x 0.92mm
body package
G Package
Top View
SELECT FUNCTION TABLE
Inputs
Function
FB_SEL
N_SEL1
N_SEL0
M Divide
N Divide
M/N
00
025
1
25
0
0
1
25
2
12.5
0
1
0
25
4
6.25
01
125
5
5
10
032
1
32
10
132
2
16
11
032
4
8
11
132
8
4
PIN ASSIGNMENT


Similar Part No. - ICS843256BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843256BGILF IDT-ICS843256BGILF Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843256BGILFT IDT-ICS843256BGILFT Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843256BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843002 IDT-843002 Datasheet
379Kb / 17P
Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843256 RENESAS-843256 Datasheet
585Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
DECEMBER 18, 2014
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com