Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH350ID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics TSH350ID Datasheet HTML 10Page - STMicroelectronics TSH350ID Datasheet HTML 11Page - STMicroelectronics TSH350ID Datasheet HTML 12Page - STMicroelectronics TSH350ID Datasheet HTML 13Page - STMicroelectronics TSH350ID Datasheet HTML 14Page - STMicroelectronics TSH350ID Datasheet HTML 15Page - STMicroelectronics TSH350ID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TSH350
Power Supply Considerations
12/21
A capacitor C
G is added in the gain network to ensure a unity gain in low frequency to keep the right DC
component at the ouput. CG contirbutes to a high pass filter with Rfb//RG and its value is calculated with a
consideration of the cut off frequency of this low pass filter.
Figure 31: Circuit for +5V single supply (using evaluation board SO8_S_MULTI)
+
_
R2
750
Ω
RG
IN
+5V
100
Ω
OUT
Rfb
10µF
+ 1µF
100µF
R1
750
Ω
+5V
10nF
Rin
1k
Ω
CG
+
+
_
R2
750
Ω
RG
IN
+5V
100
Ω
OUT
Rfb
10µF
+ 1µF
100µF
R1
750
Ω
+5V
10nF
Rin
1k
Ω
CG
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com