Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTPS16632RGET Datasheet(PDF) 15 Page - Texas Instruments

Part # PTPS16632RGET
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS16632RGET Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTPS16632RGET Datasheet HTML 11Page - Texas Instruments PTPS16632RGET Datasheet HTML 12Page - Texas Instruments PTPS16632RGET Datasheet HTML 13Page - Texas Instruments PTPS16632RGET Datasheet HTML 14Page - Texas Instruments PTPS16632RGET Datasheet HTML 15Page - Texas Instruments PTPS16632RGET Datasheet HTML 16Page - Texas Instruments PTPS16632RGET Datasheet HTML 17Page - Texas Instruments PTPS16632RGET Datasheet HTML 18Page - Texas Instruments PTPS16632RGET Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
>
@
IMON
OUT
IMON
IMON
V
I
GAIN
R
u
u
VOUT
IIN
IMON
FLTb
15
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
VIN = 50 V
RILIM = 18 kΩ
Figure 7. Output Hot-Short Response
The fast-trip comparator architecture has a supply line noise immunity resulting in a robust performance in noisy
environments. This is achieved by controlling the turn OFF time of the internal FET based on the over current
level, I(FASTTRIP) through the device. Higher the over current faster the turn OFF time, tFASTTRIP(dly).
8.3.7 Current Monitoring
The current source at IMON terminal is internally configured to be proportional to the current flowing from IN to
OUT. This current can be converted into a voltage using a resistor R(IMON) from IMON terminal to GND.;[
terminal. The IMON voltage can be used as a means of monitoring current flow through the system. The
maximum voltage range (V(IMONmax) for monitoring the current is limited to minimum of to ensure linear output.
This puts a limitation on maximum value of R(IMON) resistor and is determined by Equation 6.
Where,
GAIN(IMON) is the gain factor I(IMON):I(OUT) = 27.7μA/A (Typical)
I(OUT) is the load current
(6)
This pin must not have a bypass capacitor to avoid delay in the current monitoring information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com