Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2180N Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T2180N
Description  Phase Control Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T2180N Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T2180N Datasheet HTML 1Page - Inchange Semiconductor Company Limited T2180N Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
T2180N
Phase Control Thyristors
FEATURES
·
Low on-state voltage
·
High capability for dV/dt
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Power supplies
·
Motor control
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
T2180N
UNIT
12
14
16
18
VRRM
Repetitive Peak Reverse Voltage
1200
1400
1600
1800
V
VRSM
Non-Repetitive Peak Reverse Voltage
1200
1400
1600
1800
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
IT(AV)
Average Forward Current
Sinewave,180ο conduction,Tc=75℃
2180
A
IT(RMS)
Maximum RMS on-state current
Tc=75℃
3422
A
ITSM
Max. peak, one-cycle forward,
non-repetitive surge current
10 ms, sinusoidal wave shape, 180ο
conduction, Tj = 125℃
32000
A
PG(AV)
Average gate power dissipation
5
W
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~140
℃


Similar Part No. - T2180N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T2180N INFINEON-T2180N Datasheet
297Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
More results

Similar Description - T2180N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com