Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM312 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 37Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 38Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 39Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 40Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 41Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 42Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 43Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 44Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
CM312 Quad Serial utilityModule
31
RTD Embedded Technologies, Inc.
•
boot DOS from a floppy
•
login to the network server
•
run netgen and select Netware Installation
•
reboot from hard disk
To generate the 2.2 server from an existing Network Disk:
•
Boot DOS from a floppy
•
login to the network server
•
Run install (when prompted to, select NE2000 driver)
•
reboot from hard drive
Novell Netware 3.x/4.x
Use the install.nlm utility loaded from the server console, "load ...\install", to create an autoexec
file as shown below:
AUTOEXEC.NCF
file server name BIGKAHOONAS
ipx internal net 10
load c:\ne2000 PORT=360 INT=5
bind ipx to ne2000 net=1
mount all
Typing SERVER at the DOS prompt will load the server and our driver.
Be sure ne2000.lan is in the c:\ directory
Driver configurable options are:
IO BASE
May be set by including the following in the command line:
Port = xxx
;where xxx can be 300, 320, 340, 360
Be sure the board is set to the same I/O address, otherwise the driver won't find the board and the
message "Hardware Error - NE2000 Bank Select port failed to respond." will appear.
INTERRUPT NUMBER
May be set by including the following in the command line:
Int = x
;where x can be 2, 3, 4, 5, 10, 11, 12, 15
Defaults to EEPROM configuration if not present
NODE ADDRESS
The board has a unique IEEE address, but it may be overwritten by including the following in the
command line:
Node = xxxxxxxxxxxx
Where xxxxxxxxxxxx is a 12 digit hex number (non-multicast or broadcast)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com