Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1089XFN44 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS1089XFN44
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1089XFN44 Datasheet(HTML) 4 Page - ON Semiconductor

  CS1089XFN44 Datasheet HTML 1Page - ON Semiconductor CS1089XFN44 Datasheet HTML 2Page - ON Semiconductor CS1089XFN44 Datasheet HTML 3Page - ON Semiconductor CS1089XFN44 Datasheet HTML 4Page - ON Semiconductor CS1089XFN44 Datasheet HTML 5Page - ON Semiconductor CS1089XFN44 Datasheet HTML 6Page - ON Semiconductor CS1089XFN44 Datasheet HTML 7Page - ON Semiconductor CS1089XFN44 Datasheet HTML 8Page - ON Semiconductor CS1089XFN44 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS1089
http://onsemi.com
4
PACKAGE LEAD DESCRIPTION
Package Lead Number
Lead Symbol
40L DIP
44L PLCC
(29 Anode Configuration)
Function
1
14
GRID1
50 mA grid output.
2
15
GRID2
50 mA grid output.
3
16
GRID3
50 mA grid output.
4
17
AN1
2.0 mA anode output.
5
18
AN2
2.0 mA anode output.
6
19
AN3
2.0 mA anode output.
7
20
AN4
2.0 mA anode output.
8
21
AN5
2.0 mA anode output.
9
22
AN6
2.0 mA anode output.
10
24
AN7
2.0 mA anode output.
11
25
AN8
2.0 mA anode output.
12
26
AN9
2.0 mA anode output.
13
27
AN10
2.0 mA anode output.
14
28
AN11
2.0 mA anode output.
15
29
AN12
2.0 mA anode output.
16
30
AN13
2.0 mA anode output.
17
31
AN14
2.0 mA anode output.
18
32
AN15
2.0 mA anode output.
19
33
AN16
2.0 mA anode output.
20
35
GND
Ground connection.
21
36
AN17
2.0 mA anode output.
22
37
AN18
2.0 mA anode output.
23
38
AN19
2.0 mA anode output.
24
39
AN20
2.0 mA anode output.
25
40
AN21
2.0 mA anode output.
26
41
AN22
2.0 mA anode output.
27
42
AN23
2.0 mA anode output.
28
43
AN24
20 mA anode output.
29
44
AN25
20 mA anode output.
30
2
AN26
20 mA anode output.
31
3
AN27
20 mA anode output.
32
4
AN28
20 mA anode output.
33
5
AN29
20 mA anode output.
34
6
DOUT
Shift register data output.
35
7
DIN
Shift register data input.
36
8
CLK
Shift register clock input.
37
9
STB
Transfer contents of shift registers to output stages.
38
10
GREN
Grid outputs enable.
39
1, 11, 12, 23, 34
NC
No connection.
40
13
VBB
Supply voltage input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12