Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D301K Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 5D301K
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5D301K Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  5D301K Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wave Lead Free Soldering Recommendation
Item
Conditions
Peak Temperature
265
ºC
Dipping Time
10 seconds (max.)
Soldering
1 time
Recommendation Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360
ºC (max.)
Soldering Time
3 seconds (max.)
Distance from Varistor
2mm (min.)
Dimensions
TABLE 1
Symbol
Millimeters
Inches
H(max)
10.0
0.394
L(min.)
15.0
0.591
D(max)
7.0
0.276
D1(
±1.0)
5.0
0.197
T(max.)
TABLE 2
d(
±0.1)
0.6
0.024
Packaging Quantity: 1000pcs/bag
TABLE 2---T(max.)
Model
Millimeters
Inches
180K~390K
4.0
0.157
470K~680K
4.5
0.177
820K~151K
5.0
0.197
181K~271K
5.5
0.217
Time(minutes)
0
0.5
1
1.5
2
2.5
3
3.5
4
300
250
200
150
100
50
0
Preheating
Maximum Wave 265
°C
Soldering
Cooling
Soldering Recommendation
Inches
0.236
0.256
0.276
Millimeters
6.0
6.5
7.0
Model
331K~391K
431K~561K
621K~751K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com