Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20D301K Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 20D301K
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

20D301K Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  20D301K Datasheet HTML 1Page - SUNMATE electronic Co., LTD 20D301K Datasheet HTML 2Page - SUNMATE electronic Co., LTD 20D301K Datasheet HTML 3Page - SUNMATE electronic Co., LTD 20D301K Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Items
Test Condition/Description
Requirement
Varistor Voltage
The voltage between two terminals with the specified measuring current 1mA.DC applied is called
Vb.
To meet the
Specified value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the Maximum DC voltage can be
applied continuously.
Maximum Clamping
Voltage
The maximum voltage between two terminals with the specification standard impulse current.
Applied waveform: 8/20
μs
Rated Wattage
The maximum average power that can be applied within the specified ambient temperature.
Energy
The maximum energy within the varistor voltage change of
±10% when one impulse of 10/1000μs
or 2ms is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of
±10% with the standard impulse
current (8/20
μs) applied one time.
Surge Life
The change of Vb shall be measured after the impulse listed below which is applied 10,000 times
continuously with the interval of ten seconds at room temperature.
20
Φ series
180K to 680K
100A (8/20
μs)
820K to 182K
200A (8/20
μs)
Δ
VbVb
≤
±10%
T1
T
T2
30% max.
t
I
B
C
O1
1.0
0.9
0.5
0.1
0.0
T1=1.25*T=8
μs±20%
T2=20
μs±20%
Electrical Ratings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com