Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AC400NLX Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE25AC400NLX
Description  SPI NOR FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400NLX Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE25AC400NLX Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400NLX Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ACE25AC400NLX
SPI NOR FLASH
VER 1.1
3
Block Diagram
Uniform Block Sector Architecture
ACE25AC400NLX 64K Bytes Block SectorArchitecture
Block
Sector
Address Range
7
127
07F000H
07FFFFH
……
……
……
112
070000H
070FFFH
6
111
06F000H
06FFFFH
……
……
……
96
060000H
060FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com