Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE431N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE431N
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE431N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACE431N
High Voltage Adjustable Precision Shunt Regulators
VER 1.5
1
Description
The ACE431N is high-voltage three-terminal adjustable voltage references, with specified thermal
stability over applicable industrial and commercial temperature ranges. Output voltage can be set to any
value between VREF (2.5V) and 36V with two external resistors. These devices have a typical output
impedance of 0.25
Ω. Active output circuitry provides a very sharp turn-on characteristic, making the
ACE431N excellent replacements for low-voltage Zener diodes in many applications, including onboard
regulation and adjustable power supplies.
Features
• Low Output Noise
• Adjustable Output Voltage, V
O = Vref to 36 V
• Low Operational Cathode Current
• 0.25Ω Typical Output Impedance
Application
• Battery Power Equipment
• Linear Regulators
• Switch Power Supply
• Cellular Phone
• Digital Cameras
• Computer Disk Drivers
• Instrumentation
Absolute Maximum Ratings
(TA=25
OC Unless otherwise specified)
Parameter
Symbol
Max
Unit
Cathode Voltage
VZ
37
V
Continuous Cathode Current
IZ
150
mA
Reference Current
IREF
10
mA
Thermal resistance
θJA
140
OC/W
Operating junction temperature
TJ
-40 to 150
OC
Storage temperature range
TSTG
-65 to 150
OC
Lead Temperature Range (Soldering 10sec.)
TSOL
260
OC
Thermal Resistance
Ө
JA
140
OC /W
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage
that exceeds the performance of the protection circuit to the IC.


Similar Part No. - ACE431N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
ACE431S ACE-ACE431S Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SAAM+H ACE-ACE431SAAM+H Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
ACE431SAAM+H ACE-ACE431SAAM+H Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SABM+H ACE-ACE431SABM+H Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
More results

Similar Description - ACE431N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431_13 Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com