Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006ATR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8006ATR
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8006ATR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8006ATR Datasheet HTML 1Page - Diodes Incorporated PAM8006ATR Datasheet HTML 2Page - Diodes Incorporated PAM8006ATR Datasheet HTML 3Page - Diodes Incorporated PAM8006ATR Datasheet HTML 4Page - Diodes Incorporated PAM8006ATR Datasheet HTML 5Page - Diodes Incorporated PAM8006ATR Datasheet HTML 6Page - Diodes Incorporated PAM8006ATR Datasheet HTML 7Page - Diodes Incorporated PAM8006ATR Datasheet HTML 8Page - Diodes Incorporated PAM8006ATR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM8006A
Document number: DSxxxxx Rev. 1 - 0
1 of 13
www.diodes.com
April 2013
© Diodes Incorporated
PAM8006A
A Product Line of
Diodes Incorporated
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Description
The PAM8006A is a 15W (per channel) stereo Class-D audio
amplifier which offers low THD+N (0.2%), low EMI and good PSRR
thus high quality sound reproduction.
The PAM8006A runs off of an 8V to 18V supply at much higher
efficiency than competitors’ Ics.
The PAM8006A only requires very few external components,
significantly saving cost and board space.
The PAM8006A is available in a QFN5x5-32L package.
Features
15W x2 into a 8Ω speaker
Low Noise: -90dB
Over 90% Efficiency
With Shutdown/Mute Function
Over Current ,OVP,UVLO,Thermal and Short-Circuit Protection
Low THD+N
Power Limit with Non-Clip
Low Quiescent Current
Pop Noise Suppression
Small Package Outlines: QFN5x5-32L
Pb-Free Package (RoHS Compliant)
Pin Assignments
Applications
Flat Monitor /LCD TVs
Multi-Media Speaker System
DVD Players, Game Machines
Boom Box
Music Instruments
Typical Applications Circuit


Similar Part No. - PAM8006ATR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006ATR PAM-PAM8006ATR Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
More results

Similar Description - PAM8006ATR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com