Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8303C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8303C
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303C Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8303C Datasheet HTML 1Page - Diodes Incorporated PAM8303C Datasheet HTML 2Page - Diodes Incorporated PAM8303C Datasheet HTML 3Page - Diodes Incorporated PAM8303C Datasheet HTML 4Page - Diodes Incorporated PAM8303C Datasheet HTML 5Page - Diodes Incorporated PAM8303C Datasheet HTML 6Page - Diodes Incorporated PAM8303C Datasheet HTML 7Page - Diodes Incorporated PAM8303C Datasheet HTML 8Page - Diodes Incorporated PAM8303C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PAM8303C
Document number: DS36438 Rev.2 - 2
2 of 16
www.diodes.com
May 2018
© Diodes Incorporated
PAM8303C
Typical Applications Circuit
Pin Descriptions
Pin
Name
Pin Name
Function
WCSP(A)(EOL)
DFN3030-8 (B)
DFN3030-8 (C)
MSOP-8 (B)
OUT+
C3
1
5
1
Positive BTL Output
PVDD
B2
2
2
Power Supply
VDD
B1
3
6
3
Analog Power Supply
IN-
C1
4
4
4
Negative Differential Input
IN+
A1
5
3
5
Positive Differential Input
SD
C2
6
1
6
Shutdown Terminal (Active Low)
GND
A2, B3
7
7
7
Ground
OUT-
A3
8
8
8
Negative BTL Output
NC
2
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com