Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8303D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8303D
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303D Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8303D Datasheet HTML 1Page - Diodes Incorporated PAM8303D Datasheet HTML 2Page - Diodes Incorporated PAM8303D Datasheet HTML 3Page - Diodes Incorporated PAM8303D Datasheet HTML 4Page - Diodes Incorporated PAM8303D Datasheet HTML 5Page - Diodes Incorporated PAM8303D Datasheet HTML 6Page - Diodes Incorporated PAM8303D Datasheet HTML 7Page - Diodes Incorporated PAM8303D Datasheet HTML 8Page - Diodes Incorporated PAM8303D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PAM8303D
Document number: DSxxxxx Rev. 1 - 7
3 of 16
www.diodes.com
November 2012
© Diodes Incorporated
PAM8303D
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3
Maximum Junction Temperature
150
°C
Storage Temperature
-65 to +150
Soldering Temperature
250, 10 sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.8 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
MSOP-8
θJA
180
°C/W
DFN3x3-8
47.9
Thermal Resistance (Junction to Case)
MSOP-8
θJC
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com