Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8404 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8404
Description  3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8404 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8404 Datasheet HTML 1Page - Diodes Incorporated PAM8404 Datasheet HTML 2Page - Diodes Incorporated PAM8404 Datasheet HTML 3Page - Diodes Incorporated PAM8404 Datasheet HTML 4Page - Diodes Incorporated PAM8404 Datasheet HTML 5Page - Diodes Incorporated PAM8404 Datasheet HTML 6Page - Diodes Incorporated PAM8404 Datasheet HTML 7Page - Diodes Incorporated PAM8404 Datasheet HTML 8Page - Diodes Incorporated PAM8404 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PAM8404
Document number: DSxxxxx Rev. 1 - 1
5 of 18
www.diodes.com
November 2012
© Diodes Incorporated
PAM8404
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, AVDD = PVDD = 5V, GND = PGND = 0V, unless otherwise specified.)
WCSP2x2-16
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VDD
Supply Power
2.5
5.5
V
PO
Output Power
THD+N = 10%, f = 1kHz, RL = 4Ω
VDD = 5.0V
2.2
W
VDD = 3.6V
1.2
THD+N = 1%, f = 1kHz, RL = 4Ω
VDD = 5.0V
1.8
W
VDD = 3.6V
1
THD+N = 10%, f = 1kHz, RL = 8Ω
VDD = 5.0V
1.5
W
VDD = 3.6V
0.8
THD+N = 1%, f = 1kHz, RL = 8Ω
VDD = 5.0V
1.2
W
VDD = 3.6V
0.6
THD+N
Total Harmonic Distortion Plus
Noise
VDD = 5.0V, Po = 0.5W, RL = 8Ω
f = 1kHz
0.3
%
VDD = 3.6V, Po = 0.5W, RL = 8Ω
0.4
VDD = 5.0V, Po = 1W, RL = 4Ω
f = 1kHz
0.3
%
VDD = 3.6V, Po = 1W, RL = 4Ω
0.2
PSRR
Power Supply Ripple Rejection
VDD = 5.0V, Inputs AC-Grounded with
CIN = 1.0μF
f = 217kHz
-50
dB
CS
Crosstalk
VDD = 5.0V, Po = 0.5W, RL = 4Ω,
Gv = 23dB
f = 1kHz
-70
dB
SNR
Signal-to-Noise
VDD = 5V, VORMS = 1VGv = 23dB
A-weighting
85
dB
VN
Output Noise
VDD = 5V, Inputs AC-Grounded with
CIN = 0.47μF
A-weighting
34
µV
BW 22Hz – 22kHz
No A-weighting
54
Dyn
Dynamic Range
VDD = 5V, THD = 1%
A-weighting
98
dB
η
Efficiency
RL = 8Ω, THD = 10%
f = 1kHz
85
%
RL = 4Ω, THD = 10%
75
IQ
Quiescent Current
VDD = 5.0V
No load
12
mA
VDD = 3.6V
7
ISD
Shutdown Current
VDD = 2.5V to 5.5V
VSD = 0.3V
< 1
µA
RDS(ON)
Static Drain-to-Source On-State
Resistor
IDS = 500mA,VGS = 5V
PMOS
500
mΩ
NMOS
460
fsw
Switching Frequency
VDD = 5V
300
kHz
VOS
Output Offset Voltage
VIN = 0V, VDD = 5V
20
mV
Gain
Closed-Loop Voltage Gain
VDD = 5V, RL = 4Ω, f = 1kHz
G0 = L, G1 = L
6
dB
G0 = H, G1 = L
12
G0 = L, G1 = H
18
G0 = H, G1 = H
24
OTP
Over Temperature Protection
No Load, Junction Temperature
VDD = 5V
150
°C
OTH
Over Temperature Hysterisis
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com