Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL66CL-03-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL66CL-03-AA3-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL66CL-03-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL66CL-03-AA3-R Datasheet HTML 1Page - Unisonic Technologies UL66CL-03-AA3-R Datasheet HTML 2Page - Unisonic Technologies UL66CL-03-AA3-R Datasheet HTML 3Page - Unisonic Technologies UL66CL-03-AA3-R Datasheet HTML 4Page - Unisonic Technologies UL66CL-03-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL66C
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R125-065.F
HIGH ACCURACY LINEAR
CONSTANT CURRENT LED
DRIVER
DESCRIPTION
The UTC UL66C is a linear constant current IC with a
built-in power MOSFET. The output current can be adjusted
from 5mA to 60mA, and constant current accuracy up to ± 4%.
The application scheme is simple and the cost is low. This
device also incorporates temperature compensation and
thermal shutdown functions.
FEATURES
* 5mA ~ 60mA Output Current
* Up to ± 4% Constant Current Accuracy
* No EMC Problem
* Temperature Compensate
* Thermal Shutdown
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UL66CL-xx-AA3-R
UL66CG-xx-AA3-R
SOT-223
Tape Reel
UL66CL-xx-AB3-R
UL66CG-xx-AB3-R
SOT-89
Tape Reel
UL66CL-xx-TN3-R
UL66CG-xx-TN3-R
TO-252
Tape Reel
UL66CL-xx-SH2-R
UL66CG-xx-SH2-R
HSOP-8
Tape Reel
Note:
xx: Output Voltage, refer to Marking Information.


Similar Part No. - UL66CL-03-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL66A UTC-UL66A Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66AG-03-AA3-R UTC-UL66AG-03-AA3-R Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66AG-03-AB3-R UTC-UL66AG-03-AB3-R Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66AG-03-TN3-R UTC-UL66AG-03-TN3-R Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66AG-06-AA3-R UTC-UL66AG-06-AA3-R Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results

Similar Description - UL66CL-03-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL68B UTC-UL68B Datasheet
139Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL62 UTC-UL62 Datasheet
121Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL67C UTC-UL67C Datasheet
155Kb / 6P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL23EA UTC-UL23EA Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66A UTC-UL66A Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66B UTC-UL66B Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66X UTC-UL66X Datasheet
119Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68A UTC-UL68A Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68C UTC-UL68C Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68D UTC-UL68D Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com