Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS113LMQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS113LMQB
Description  Dual JK Edge-Triggered Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS113LMQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS113LMQB Datasheet HTML 1Page - National Semiconductor (TI) 54LS113LMQB Datasheet HTML 2Page - National Semiconductor (TI) 54LS113LMQB Datasheet HTML 3Page - National Semiconductor (TI) 54LS113LMQB Datasheet HTML 4Page - National Semiconductor (TI) 54LS113LMQB Datasheet HTML 5Page - National Semiconductor (TI) 54LS113LMQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10205
June 1989
54LS113
Dual JK Edge-Triggered Flip-Flop
General Description
The 54LS113 offers individual J K Set and Clock inputs
When the clock goes HIGH the inputs are enabled and data
may be entered The logic level of the J and K inputs may
be changed when the clock pulse is HIGH and the bistable
will perform according to the Truth Table as long as mini-
mum setup and hold times are observed Input data is trans-
ferred to the outputs on the falling edge of the clock pulse
Connection Diagram
Dual-In-Line Package
TLF10205 – 1
Order Number 54LS113DMQB
54LS113FMQB or 54LS113LMQB
See NS Package Number E20A J14A or W14B
Logic Symbol
TLF10205 – 2
VCC e Pin 14
GND e Pin 7
Truth Table
Inputs
Output
tn
tn a 1
JK
Q
LL
Qn
LH
L
HL
H
HH
Qn
tn e Bit Time before Clock Pulse
tn a 1 e Bit Time after Clock Pulse
H e HIGH Voltage Level
L e LOW Voltage Level
Asynchronous Input
Low input to SD sets Q to HIGH level
Set is independent of clock
Pin Names
Description
J1 J2 K1 K2
Data Inputs
CP1 CP2
Clock Pulse Inputs (Active Falling Edge)
SD1 SD2
Direct Set Inputs (Active LOW)
Q1 Q2 Q1 Q2
Outputs
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS113LMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
List of Unclassifed Man...
54LS11 ETC1-54LS11 Datasheet
56Kb / 1P
TRIPLE 3-INPUT AND GATE
logo
National Semiconductor ...
54LS112 NSC-54LS112 Datasheet
102Kb / 3P
DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
54LS112DMQB NSC-54LS112DMQB Datasheet
102Kb / 3P
DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
54LS112FMQB NSC-54LS112FMQB Datasheet
102Kb / 3P
DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
More results

Similar Description - 54LS113LMQB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
Dual JK Positive Edge-Triggered Flip-Flop
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
Dual JK Positive Edge-triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com