Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2201 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 10Page - OKI electronic componets ML2201 Datasheet HTML 11Page - OKI electronic componets ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets ML2201 Datasheet HTML 14Page - OKI electronic componets ML2201 Datasheet HTML 15Page - OKI electronic componets ML2201 Datasheet HTML 16Page - OKI electronic componets ML2201 Datasheet HTML 17Page - OKI electronic componets ML2201 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
14/20
Low Pass Filter
ML2201’s analog output goes through the built-in Low Pass Filter. The Figure 4 below shows Frequency
Characteristics and the Table 3 shows Cut-Off Frequency of the LPF.
The LPF’s Frequency Characteristics and Cut-Off Frequency change in proportion to the sampling frequency. No
analog output directly from the D/A converter is unavailable on this chip.
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1 k
10 k
[Hz]
[dB]
Figure 4 LPF Frequency Characteristics (f
SAM = 8.0 kHz)
Table 3 LPF Cut-Off Frequency
Sampling Frequency (kHz)
(f
SAM)
Cut-Off Frequency (kHz)
(f
CUT)
4.0
1.2
5.3
1.6
6.4
2.0
8.0
2.5
10.6
3.2
12.8
4.0
16.0
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com