Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4562M Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE4562M
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4562M Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

  ACE4562M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ACE4562M
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
8
Packing Information
SOP-8
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash,
Protrusion Or Gate Burrs ShallNot Exceed 0.10 mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body
Exclusive Of Mold Flash, Tie Bar Burrs, Gate Burrs And Interlead Flash, But
Including Any Mismatch Between The Top And Bottom Of The Plastic Body.
4.
The Package Top May Be Smaller Than The Package Bottom.
5.
Dimension "B" Does Not Include Dambar Protrusion. Allowable Dambar Protrusion
Shall Be 0.08 mm Total In Excess Of "B" Dimension At Maximum Material Condition.
The Dambar Cannot Be Located On The Lower Radius Of The Foot.
DIM
MILLIMETERS
MIN
NOM MAX
A
1.35
1.55
1.75
A1
0.10
0.18
0.25
B
0.38
0.45
0.51
C
0.19
0.22
0.25
D
4.80
4.90
5.00
E
3.80
3.90
4.00
e
1.27BSC
H
5.80
6.00
6.20
L
0.50
0.72
0.93
α
0°
4°
8°
h
0.25
0.38
0.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com