Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE7255E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE7255E
Description  24V, 2A, Forced PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7255E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE7255E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE7255E
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
6
Functional Description
The ACE7255E is a synchronous buck regulator ICs that integrates the PWM control, top and bottom
switches on the same die to minimize the switching transition loss and conduction l
The ACE7255E is a wide input range, high efficiency, DC-to-DC step-down switching regulator, capable
of delivering up to 2A of output current, integrated with a 160m
Ω high side and 95mΩ low side MOSFET.
It uses PWM current-mode control scheme. An error amplifier integrates error between the FB signal and
the internal reference voltage. The output of the integrator is then compared to the sum of a
current-sense signal and the slope compensation ramp. This operation generates a PWM signal that
modulates the duty cycle of the power MOSFET to achieve regulation for output voltage.
Forced PWM Operation
A forced PWM DC-DC regulator always switches at a fixed frequency even when the output load is small.
This is to ensure a minimum output voltage ripple over the full load range. It may induce a relatively large
(about 10mA when Vin=12V) input current when load is zero.
Enable
EN is a digital control pin that turns the ACE7255E on and off. Drive EN High to turn on the regulator,
drive it Low to turn it off. An internal 1M
Ω resistor from EN pin to GND allows EN to float to shutdown the
chip. Connecting the EN pin through a pull up resistor or shorted EN to IN will automatically turn on the
chip whenever plug in IN.
Over Current Protection and Hiccup
ACE7255Ehas a cycle-by-cycle over current limit for when the inductor current peak value is over the set
current limit threshold. When the output voltage drop until FB falls below UV threshold (0.2V), the
ACE7255E will enter hiccup mode. It will turn off the chip immediately for 6mS. After that, it will try to
re-starts as normal for 2mS. After 2mS, if FB is still below UV threshold, then the chip enters hiccup mode
again. If FB is higher than UV threshold, it will enter the normal mode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com