Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3437 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3437
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 2 Page - Linear Technology

  LT3437 Datasheet HTML 1Page - Linear Technology LT3437 Datasheet HTML 2Page - Linear Technology LT3437 Datasheet HTML 3Page - Linear Technology LT3437 Datasheet HTML 4Page - Linear Technology LT3437 Datasheet HTML 5Page - Linear Technology LT3437 Datasheet HTML 6Page - Linear Technology LT3437 Datasheet HTML 7Page - Linear Technology LT3437 Datasheet HTML 8Page - Linear Technology LT3437 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3437
2
3437f
LT3437EFE
LT3437IFE
ORDER PART NUMBER
LT3437EDD
LT3437IDD
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DD PART MARKING
ORDER PART NUMBER
FE PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
(Note 1)
VIN, SHDN, BIAS, SW Operating ............................. 60V
VIN, SHDN 100ms Transient, <15% Duty Cycle ....... 80V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage Operating ................................. 75V
BOOST Pin 100ms Transient, <15% Duty Cycle ...... 85V
SYNC, CSS, FB .......................................................... 6V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB = 1.25V,
CSS/SYNC = 0V unless otherwise noted.
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO GND (PIN 4)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SHDN
SYNC
FB
VC
BIAS
SW
VIN
BST
GND
CSS
11
Operating Junction Temperature Range
LT3437EDD (Note 2) ....................... – 40
°C to 125°C
LT3437IDD (Note 2) ........................ – 40
°C to 125°C
LT3437EFE (Note 2) ........................ – 40
°C to 125°C
LT3437IFE (Note 2) ......................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 125°C
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
NC
VIN
NC
BOOST
NC
GND
NC
SHDN
SYNC
NC
FB
VC
BIAS
CSS
17
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
3437EFE
3437IFE
LBDJ
LBDK
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
●
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
●
530
µA
Minimum Input Voltage (Note 3)
●
2.5
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
●
300
500
µA
FB = 1.35V
●
25
50
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V, VC = 0.8V, SYNC = 2V
1.35
2
mA
BIAS = 5V, FB = 1.15V, VC = 0.8V, SYNC = 2V
0.475
1
mA
Minimum BIAS Voltage (Note 5)
2.7
3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com