Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5121 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5121 Datasheet HTML 9Page - Analog Devices AD5121 Datasheet HTML 10Page - Analog Devices AD5121 Datasheet HTML 11Page - Analog Devices AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD5121/AD5141
Rev. C | Page 13 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5121/
AD5141
TOP VIEW
(Not to Scale)
12
11
10
1
3
4
9
2
GND
A
W
B
SDI/SDA
SCLK/SCL
VLOGIC
VDD
NOTES
1.EXPOSED PAD. CONNECT THE EXPOSED PAD TO THE
POTENTIAL OF THE VSS PIN, OR, ALTERNATIVELY, LEAVE
IT ELECTRICALLY UNCONNECTED. IT IS RECOMMENDED
THAT THE PAD BE THERMALLY CONNECTED TO A COPPER
PLANE FOR ENHANCED THERMAL PERFORMANCE.
PIN 1
INDICATOR
Figure 7. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin, Logic Ground Reference.
2
A
Terminal A of RDAC. V
SS ≤ VA ≤ VDD.
3
W
Wiper terminal of RDAC. V
SS ≤ VW ≤ VDD.
4
B
Terminal B of RDAC. V
SS ≤ VB ≤ VDD.
5
V
SS
Negative Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
6
SYNC/ADDR0
Programmable Address (ADDR0) for Multiple Package Decoding, DIS = 1.
Synchronization Data Input, Active Low. When SYNC returns high, data is loaded into the RDAC register, DIS = 0.
7
RESET
Hardware Reset Pin. Refresh the RDAC registers from EEPROM. RESET is activated at logic low. If this pin is not
used, tie RESET to VLOGIC.
8
DIS
Digital Interface Select (SPI/I2C Select). SPI when DIS = 0 (GND), I2C when DIS = 1 (V
LOGIC). This pin cannot be left
floating.
9
V
DD
Positive Power Supply. Decouple this pin with 0.1µF ceramic capacitors and 10 µF capacitors.
10
V
LOGIC
Logic Power Supply; 1.8 V to VDD. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
11
SCLK/SCL
SPI Serial Clock Line (SCLK). Data is clocked in at logic low transition.
I2C Serial Clock Line (SCL). Data is clocked in at logic low transition.
12
SDI/SDA
Serial Data Input/Output (SDA), When DIS = 1.
Serial Data Input (SDI), When DIS = 0.
13
WP
Optional Write Protect. This pin prevents any changes to the present RDAC and EEPROM contents, except when
reloading the content of the EEPROM into the RDAC register. WP is activated at logic low. If this pin is not used,
tie WP to VLOGIC
14
SDO/ADDR1
Programmable Address (ADDR1) for Multiple Package Decoding, When DIS = 1.
Serial Data Output (SDO). This is an open-drain output pin, and it needs an external pull-up resistor when DIS = 0.
15
INDEP
Linear Gain Setting Mode at Power-Up. Each string resistor is loaded from its associate memory location. If
INDEP is enabled, it cannot be disabled by the software.
16
LRDAC
Load RDAC. Transfers the contents of the input register to the RDAC register. This allows asynchronous RDAC
update. LRDAC is activated low. If this pin is not used, tie LRDAC to VLOGIC.
EPAD
Exposed Pad. Connect this exposed pad to the potential of the V
SS pin, or, alternatively, leave it electrically
unconnected. It is recommended that the pad be thermally connected to a copper plane for enhanced thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com