Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 4 Page - Analog Devices

  ADF4356 Datasheet HTML 1Page - Analog Devices ADF4356 Datasheet HTML 2Page - Analog Devices ADF4356 Datasheet HTML 3Page - Analog Devices ADF4356 Datasheet HTML 4Page - Analog Devices ADF4356 Datasheet HTML 5Page - Analog Devices ADF4356 Datasheet HTML 6Page - Analog Devices ADF4356 Datasheet HTML 7Page - Analog Devices ADF4356 Datasheet HTML 8Page - Analog Devices ADF4356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADF4356
Data Sheet
Rev. A | Page 4 of 35
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RFOUTA+/RFOUTA−Supply Current
IRF
OUTx±
RF Output A enabled/RF Output B
disabled
22
27
mA
−4 dBm setting
33
38
mA
−1 dBm setting
44
49
mA
2 dBm setting
55
60
mA
5 dBm setting
RFOUTA+/RFOUTA− Plus RFOUTB+/RFOUTB−
Supply Current
IRF
OUTx±
RF Output A enabled/RF Output B
enabled
48
56
mA
−4 dBm setting
65
74
mA
−1 dBm setting
82
91
mA
2 dBm setting
99
108
mA
5 dBm setting
Low Power Sleep Mode
5
mA
Hardware power-down selected
20
mA
Software power-down selected
RF OUTPUT CHARACTERISTICS
VCO Frequency Range
3400
6800
MHz
Fundamental VCO range
RF Output Frequency
53.125
6800
MHz
VCO Sensitivity
KV
25
MHz/V
Frequency Pushing (Open-Loop)
12
MHz/V
Frequency Pulling (Open-Loop)
0.5
MHz
Voltage standing wave ratio (VSWR) =
2:1 RFOUTA+/RFOUTA−
Harmonic Content
Second
−26
dBc
Fundamental VCO output (RFOUTA+)
−29
dBc
Divided VCO output (RFOUTA+)
Third
−32
dBc
Fundamental VCO output (RFOUTA+)
−14
dBc
Divided VCO output (RFOUTA+)
RF Output A Power4
7
dBm
RFOUTA+ = 1 GHz; 7.4 nH inductor to VRF
−2
dBm
RFOUTA+ = 6.8 GHz; 7.4 nH inductor
to VRF
Power Variation
±1
dB
RFOUTA+ = 5 GHz
Power Variation over Frequency
±5
dB
RFOUTA+ = 1 GHz to 6.8 GHz
RF Output B Power4
4
dBm
RFOUTB+ = 1 GHz; 7.4 nH inductor to VRF
−2
dBm
RFOUTB+ = 6.8 GHz; 7.4 nH inductor
to VRF
Power Variation
±1
dB
RFOUTB+ = 5 GHz
Power Variation over Frequency
±5
RFOUTB+ = 1 GHz to 6.8 GHz
Level of Signal with RF Output Disabled
−53
dBm
RFOUTA+ = 1 GHz
−20
dBm
RFOUTA+= 6.8 GHz
NOISE CHARACTERISTICS
Fundamental VCO Phase Noise
Performance
VCO noise in open-loop conditions
−115
dBc/Hz
100 kHz offset from 3.4 GHz carrier
−135
dBc/Hz
800 kHz offset from 3.4 GHz carrier
−137
dBc/Hz
1 MHz offset from 3.4 GHz carrier
−155
dBc/Hz
10 MHz offset from 3.4 GHz carrier
−113
dBc/Hz
100 kHz offset from 5.0 GHz carrier
−133
dBc/Hz
800 kHz offset from 5.0 GHz carrier
−135
dBc/Hz
1 MHz offset from 5.0 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.0 GHz carrier
−110
dBc/Hz
100 kHz offset from 6.8 GHz carrier
−130
dBc/Hz
800 kHz offset from 6.8 GHz carrier
−132
dBc/Hz
1 MHz offset from 6.8 GHz carrier
−150
dBc/Hz
10 MHz offset from 6.8 GHz carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com