Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4371 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 20Page - Analog Devices ADF4371 Datasheet HTML 21Page - Analog Devices ADF4371 Datasheet HTML 22Page - Analog Devices ADF4371 Datasheet HTML 23Page - Analog Devices ADF4371 Datasheet HTML 24Page - Analog Devices ADF4371 Datasheet HTML 25Page - Analog Devices ADF4371 Datasheet HTML 26Page - Analog Devices ADF4371 Datasheet HTML 27Page - Analog Devices ADF4371 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 24 of 46
Address: 0x12, Reset: 0x40, Name: REG0012
Table 18. Bit Descriptions for REG0012
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
EN_AUTOCAL
Enables Autocal
0x1
R/W
0: VCO Autocal Disabled.
1: VCO Autocal Enabled.
5
PRE_SEL
Prescaler Select. The dual-modulus prescaler is set by this bit. The Prescaler, at the input to
the N divider, divides down the RFin signal so the N divider can handle it. The prescaler
setting affects the RF frequency and the minimum and maximum INT value.
0x0
R/W
0: 4/5 Prescaler.
1: 8/9 Prescaler.
[4:0]
RESERVED
Reserved.
0x0
R
Address: 0x14, Reset: 0x00, Name: REG0014
Table 19. Bit Descriptions for REG0014
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC1WORD[7:0]
25-Bit FRAC1 Value. Sets the FRAC1 value
0x0
R/W
Address: 0x15, Reset: 0x00, Name: REG0015
Table 20. Bit Descriptions for REG0015
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC1WORD[15:8]
25-Bit FRAC1 Value. Sets the FRAC1 value
0x0
R/W
Address: 0x16, Reset: 0x00, Name: REG0016
Table 21. Bit Descriptions for REG0016
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC1WORD[23:16]
25-Bit FRAC1 Value. Sets the FRAC1 value
0x0
R/W
Address: 0x17, Reset: 0x00, Name: REG0017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com