Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC535LP4 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC535LP4 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC535LP4 Datasheet HTML 2Page - Analog Devices HMC535LP4 Datasheet HTML 3Page - Analog Devices HMC535LP4 Datasheet HTML 4Page - Analog Devices HMC535LP4 Datasheet HTML 5Page - Analog Devices HMC535LP4 Datasheet HTML 6Page - Analog Devices HMC535LP4 Datasheet HTML 7Page - Analog Devices HMC535LP4 Datasheet HTML 8Page - Analog Devices HMC535LP4 Datasheet HTML 9Page - Analog Devices HMC535LP4 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 171
List of Materials for Evaluation PCB 109293 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4
DC Pin
C1, C4, C14, C16
4.7 μF Tantalum Capacitor
C2, C3, C5, C15
1,000 pF Capacitor, 0603 Pkg.
C6, C11
0.01 μF Capacitor, 0402 Pkg.
C7, C8
33 pF Capacitor, 0402 Pkg.
C9, C10
0.01 μF Capacitor, 0603 Pkg.
C12
18 pF Capacitor, 0402 Pkg.
C13
0.1 μF Capacitor, 0402 Pkg.
C17
22 pF Capacitor, 0402 Pkg.
R1, R4
432 Ohm Resistor, 0402 Pkg.
R2, R3
4.02 k Ohm Resistor, 0402 Pkg.
R5, R6
232 Ohm Resistor, 0402 Pkg.
R7, R9
1k Ohm Resistor, 0402 Pkg.
R8
620 Ohm Resistor, 0402 Pkg.
R10
0 Ohm Resistor, 0402 Pkg.
R11
4.42 k Ohm Resistor, 0402 Pkg.
R12
549 Ohm Resistor, 0402 Pkg.
R13
10 k Ohm Resistor, 0402 Pkg.
R14
51 k Ohm Resistor, 0402 Pkg.
R15
634 Ohm Resistor, 0402 Pkg.
D1
Green LED, 0603 Pkg.
Q1
MMBT3904, SOT26 Pkg.
U1
HMC535LP4 / HMC535LP4E PLO
U2
LM2903MX
PCB [2]
109291 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com