Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC699LP5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC699LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC699LP5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC699LP5 Datasheet HTML 4Page - Analog Devices HMC699LP5 Datasheet HTML 5Page - Analog Devices HMC699LP5 Datasheet HTML 6Page - Analog Devices HMC699LP5 Datasheet HTML 7Page - Analog Devices HMC699LP5 Datasheet HTML 8Page - Analog Devices HMC699LP5 Datasheet HTML 9Page - Analog Devices HMC699LP5 Datasheet HTML 10Page - Analog Devices HMC699LP5 Datasheet HTML 11Page - Analog Devices HMC699LP5 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 10
HMC699LP5 / 699LP5E
v05.0110
7 GHz INTEGER N SYNTHESIZER
CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
Evaluation PCB
List of Materials for
Evaluation PCB 116108 [1]
Item
Description
J1 - J4
PC Mount sMA RF Connector
J5 - J6
2mm DC header
C1 - C5, C8 - C10
1000 pF Capacitor, 0402 Pkg.
C6 - C7
100 pF Capacitor, 0402 Pkg.
C15
1000 pF Capacitor, 0603 Pkg.
C16
4.7 μF Tantalum Capacitor Case A
D
LED Green, 0603 Pkg., +5V
R1
10k Ohm, Resistor, Array
R8, R10
10k Ohm, Resistor, 0402 Pkg.
R11
1k Ohm, Resistor, 0402 Pkg.
R12
100 Ohm, Resistor, 0402 Pkg.
U1
hMC699LP5(E) synthesizer
PCB [2]
116106 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the application should use RF circuit design techniques. signal lines should have 50 Ohm
impedance while the package backside ground paddle should be connected directly to the ground plane similar to that
shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation
circuit board shown is available from hittite upon request.
Note: The evaluation PCB for the hMC699LP5(E) contains
10 kOhm pull up resistors for each of the control inputs A0
through A5 and s0 through s2. Programming the 489 distinct
division ratios consists of installing or removing jumpers A0
through A5 and s0 though s2.
Note: 0 = Jumper Installed.
1 = Jumper Not Installed.
Evaluation PCB Truth Table
(see Programming Truth Table)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com