Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3118 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3118 Datasheet HTML 1Page - Diodes Incorporated AP3118 Datasheet HTML 2Page - Diodes Incorporated AP3118 Datasheet HTML 3Page - Diodes Incorporated AP3118 Datasheet HTML 4Page - Diodes Incorporated AP3118 Datasheet HTML 5Page - Diodes Incorporated AP3118 Datasheet HTML 6Page - Diodes Incorporated AP3118 Datasheet HTML 7Page - Diodes Incorporated AP3118 Datasheet HTML 8Page - Diodes Incorporated AP3118 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
3 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Functional Block Diagram
GND
SENSE
250ns LEB
Soft
Driver
12V
OSC with
Frequency Jitter
7.3V
7.7V
VCC_OVP
OLP
VCC
35V
33V
VCC_OVP
UVLO
14.8V
6.7V
Internal
Bias
Auto
Recovery
Protection
AP3118
FB
R
3R
PWM
1.4V
Vburst
CTRL_H
Latch-off
Protection
120ms
Debounce OLP
FOCP
CTRL_L
Hold
SOVP
SSCP
SS
SS
VDD
Io
Soft
Start
1.25V
FOCP
0.1V
Q
D
CLK RB
DFF
3.8
ms
Delay
SSCP
OTP
VCC
VDD
OTP
0.5V
4.5V
SOVP
SUVP
DEM
75mV
Line sense
tONS
LOVP
Brownout
6V
SUVP
15V
HV
VCC
UVLO
630V
LOVP
BNO
BNO
LOVP
X_discharge
Discharge
Discharge
CC
105VDC
97VDC
1.7mA
Hold
Hold
CCRef
CCRef
tONS
PWM
Sense
FOCP
4.2V
30ms
Debounce SCP
CTRL
4.4V
1.0V
10K
CTRL_H
CTRL_L
VDD
3V
1V
SCP
Peak Load
PWM
CCcal
CCcal
VCC_IN
4
9
7
2
5
8
3
1
GATE
6
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com