Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3783 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
4 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 35
V
VCS, VCPC
Voltage on CS, CPC Pin
-0.3 to 7
V
VFB
FB Input Voltage
-0.4 to 10
V
ISOURCE
Source Current from OUT Pin
Internally Limited
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
200
°C/W
ESD
ESD (Human Body Model)
6000
V
ESD (Charged Device Model)
400
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Electrical Characteristics (@VCC =15V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Startup Threshold
13
15.5
18
V
VOPR(MIN)
Minimal Operating Voltage
6
6.8
7.6
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC = VTH_ST - 1V before
startup
0
0.2
0.6
μA
ICC_OPR
Operating Current
Static current @ no load
300
450
600
DRIVING OUTPUT SECTION
VGATE
Gate Voltage
12
13
14
V
ISOURCE_L
Low Driver Source Current
17.5
20
22.5
mA
ISOURCE_H
High Driver Source Current
100
110
120
mA
VTH
High/Low Driver Source Current
Threshold Voltage
6
6.5
7
V
RSINK
Sink Resistance
5.5
6.5
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com