Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8610 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8610
Description  10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8610 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8610 Datasheet HTML 1Page - Diodes Incorporated PAM8610 Datasheet HTML 2Page - Diodes Incorporated PAM8610 Datasheet HTML 3Page - Diodes Incorporated PAM8610 Datasheet HTML 4Page - Diodes Incorporated PAM8610 Datasheet HTML 5Page - Diodes Incorporated PAM8610 Datasheet HTML 6Page - Diodes Incorporated PAM8610 Datasheet HTML 7Page - Diodes Incorporated PAM8610 Datasheet HTML 8Page - Diodes Incorporated PAM8610 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PAM8610
Document number: DSxxxxx Rev. 1 - 2
3 of 15
www.diodes.com
June 2013
© Diodes Incorporated
PAM8610
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage VDD
-0.3 to +16.5
V
Input Voltage RangeVI:
MUTE, VREF, VOLUME, FADE
0 to +6.0
V
SD
-0.3 to VDD
RINN, RINP, LINN, LINP
-0.3 to +6.0
Junction Temperature Range, TJ
-40 to +125
°C
Storage Temperature
-65 to +150
Lead Temperature 1, 6mm (1/16 inch)
260, 5 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com