Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8615 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8615
Description  16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8615 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8615 Datasheet HTML 1Page - Diodes Incorporated PAM8615 Datasheet HTML 2Page - Diodes Incorporated PAM8615 Datasheet HTML 3Page - Diodes Incorporated PAM8615 Datasheet HTML 4Page - Diodes Incorporated PAM8615 Datasheet HTML 5Page - Diodes Incorporated PAM8615 Datasheet HTML 6Page - Diodes Incorporated PAM8615 Datasheet HTML 7Page - Diodes Incorporated PAM8615 Datasheet HTML 8Page - Diodes Incorporated PAM8615 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PAM8615
Document number: DSxxxxx Rev. 1 - 1
3 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8615
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin
Number
Pin
Name
I/O/P
Function
1
OUT_A
O
H-bridge A output.
2
PVCC_A
P
Power supply for H-bridge A not connected to PVCC_B or AVCC.
3
SHDN
I
Shutdown signal for IC (low = shutdown, high = operat ional). TTL logic levels with compliance to AVCC.
4
MUTE
I
Alogic high on this pin disables the outputs. A low on this pin enables the outputs. TTL logic levels with
compliance to AVCC.
5
IN_A
I
Audio input for channel A.
6
DGND
P
Digital GND
7
IN_B
I
Audio input for channel B.
8
VCM
O
Reference for analog cells.
9
DCV
I
DC voltage setting the gain of the amplifier.
10
MS_SV
I
Master/Slave select for determining direction of SYNC terminal. High = Master mode, SYNC terminal is an
output; Low = Slave mode, SYNC terminal accept s a clock input.
11
PVCC_B
P
Power supply for H-bridge B, not connected to PVCC_A or AVCC
12, 13
OUT_B
O
H-bridge B output
14
PGND_B
P
Power ground for H-bridge B
15
BST_B
I/O
Bootstrap I /O for H-bridge B high-side FET
16
VCLAMP
P
Internally generated voltage supply for bootst rap. Not to be used as a supply or connected to any component
other than the decoupling capacitor.
17
STNC
I/O
Clock i nput/output for synchroni zing multiple class-D devices. Direction determined by MS_SV terminal.
18
AGND
P
Analog GND.
19
ROSC
I/O
Current s etting resis tor for ramp generator.
20
AVDD
P
Analog 5V Regulated output.
21
AVCC
P
High-voltage analog power supply.
22
BST_A
I/O
Bootstrap I /O for H-bridge A high-side FET.
23
PGND_A
P
Power ground for H-bridge A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com