Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8945 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8945
Description  4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8945 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8945_16 Datasheet HTML 1Page - Diodes Incorporated PAM8945_16 Datasheet HTML 2Page - Diodes Incorporated PAM8945_16 Datasheet HTML 3Page - Diodes Incorporated PAM8945_16 Datasheet HTML 4Page - Diodes Incorporated PAM8945_16 Datasheet HTML 5Page - Diodes Incorporated PAM8945_16 Datasheet HTML 6Page - Diodes Incorporated PAM8945_16 Datasheet HTML 7Page - Diodes Incorporated PAM8945_16 Datasheet HTML 8Page - Diodes Incorporated PAM8945_16 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PAM8945
Document number: DS38267 Rev. 2 - 2
3 of 9
www.diodes.com
June 2016
© Diodes Incorporated
PAM8945
Functional Block Diagram
+
-
PWM
Modulator
UVLO
Startup
Protec tion
OSC
Gate
Driv e
Gate
Driv e
SCP
OTP
DCP
VREF
IN+
IN-
OUT+
OUT-
VBAT
Bias
EN
AGC
PGND
Boos t Conv ertor
PVDD
SW
AGND
BGND
AGC
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Value
Unit
VBAT
Supply Voltage
-0.3 to 6.0
V
V
I
Input Voltage, EN, IN+, IN-, AGC
-0.3 to VBAT + 0.3
V
T
A
Operating Free-air Temperature Range
-40 to +85
°C
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VBAT
Supply Voltage
2.8
5.2
V
V
IH
High-Level Input Voltage
EN
1.3
VBAT
V
V
IL
Low-Level Input Voltage
EN
GND
0.6
V
T
A
Operating Free-Air Temperature
-40
+85
°C
Thermal Information
Symbol
Parameter
Package
Max
Unit
θJA
Thermal Resistance (Junction to Ambient)
W-QFN2030-12
62
°C/W
θJc
Thermal Resistance (Junction to Case)
W-QFN2030-12
11



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com