Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002AS16-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ULN2002AS16-13
Description  HIGHU VLONL2T0A0G4EA, HIGH CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ULN2002AS16-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ULN2002AS16-13 Datasheet HTML 4Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 5Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 6Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 7Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 8Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 9Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 10Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 11Page - Diodes Incorporated ULN2002AS16-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ULN2002A/ ULN2003A/ ULN2004A
Document number: DS35313 Rev. 7 - 2
8 of 13
www.diodes.com
January 2017
© Diodes Incorporated
ULN2002A/ ULN2003A/ ULN2004A
ULN2004A
Typical Performance Characteristics
Collector-Emitter Saturation Voltage vs.
Collector Current (One Darlington)
0
100
200
300
400
500
600
700
800
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
A
= 25
OC
Collector Current (mA)
I
I
= 250 A
I
I
= 350 A
I
I
= 500 A
Collector Current vs. Input Current
Collector-Emitter Saturation Voltage vs.
Collector Current (Two Darlington in Parallel)
0
100
200
300
400
500
600
700
800
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Total Collector Current (mA)
I
I
= 250 A
I
I
= 350 A
I
I
= 500 A
T
A
= 25
OC
Maximum Collector Current vs. Duty Cycle
0
25
50
75
100
125
150
150
200
250
300
350
400
450
500
Input Currnet (A)
V
S
= 8 V
V
S
= 10 V
R
L
= 10 
T
A
= 25
OC
Input Current vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Duty Cycle (%)
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
T
A
= 70
OC
N = Number of Outputs
Conducting Simultaneously
Collector-Emitter Saturation Voltage vs.
Output Current
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
400
600
800
1000
1200
1400
1600
Input Voltage (V)
T
A
= -40
OC
T
A
= 25
OC
T
A
= 105
OC
100
200
300
400
500
0.7
0.8
0.9
1.0
1.1
1.2
Output Current (mA)
Maximum
Typical
T
J
= - 40
OC to 105 OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com