Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5379ABC Datasheet(PDF) 21 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 17Page - Analog Devices AD5379ABC Datasheet HTML 18Page - Analog Devices AD5379ABC Datasheet HTML 19Page - Analog Devices AD5379ABC Datasheet HTML 20Page - Analog Devices AD5379ABC Datasheet HTML 21Page - Analog Devices AD5379ABC Datasheet HTML 22Page - Analog Devices AD5379ABC Datasheet HTML 23Page - Analog Devices AD5379ABC Datasheet HTML 24Page - Analog Devices AD5379ABC Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD5382
Rev. 0 | Page 21 of 40
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The AD5382 is a complete, single-supply, 32-channel voltage
output DAC that offers 14-bit resolution. The part is available in
a 100-lead LQFP package and features both a parallel and a
serial interface. This product includes an internal, software
selectable, 1.25 V/2.5 V, 10 ppm/°C reference that can be used to
drive the buffered reference inputs; alternatively, an external
reference can be used to drive these inputs. Internal/external
reference selection is via the CR10 bit in the control register;
CR12 selects the reference magnitude if the internal reference is
selected. All channels have an on-chip output amplifier with
rail-to-rail output capable of driving 5 kΩ in parallel with a
200 pF load.
VOUT
R
R
14-BIT
DAC
DAC
REG
m REG
c REG
×1 INPUT
REG
×2
INPUT DATA
VREF
AVDD
Figure 27. Single-Channel Architecture
The architecture of a single DAC channel consists of a 14-bit
resistor-string DAC followed by an output buffer amplifier
operating at a gain of 2. This resistor-string architecture
guarantees DAC monotonicity. The 14-bit binary digital code
loaded to the DAC register determines at what node on the
string the voltage is tapped off before being fed to the output
amplifier. Each channel on these devices contains independent
offset and gain control registers that allow the user to digitally
trim offset and gain. These registers give the user the ability to
calibrate out errors in the complete signal chain, including the
DAC, using the internal m and c registers, which hold the
correction factors. All channels are double buffered, allowing
synchronous updating of all channels using the LDAC pin.
Figure 27 shows a block diagram of a single channel on the
AD5382. The digital input transfer function for each DAC can
be represented as
x2 = [(m + 2)/ 2n × x1] + (c – 2n – 1)
where:
x2 is the data-word loaded to the resistor string DAC.
x1 is the 14-bit data-word written to the DAC input register.
m is the gain coefficient (default is 0x3FFE on the AD5382).
The gain coefficient is written to the 13 most significant bits
(DB13 to DB1) and LSB (DB0) is a zero.
n = DAC resolution (n = 14 for AD5382).
c is the14-bit offset coefficient (default is 0x2000).
The complete transfer function for these devices can be
represented as
VOUT = 2 × VREF × x2/2n
x2 is the data-word loaded to the resistor string DAC. VREF is the
internal reference voltage or the reference voltage externally
applied to the DAC REFOUT/REFIN pin. For specified
performance, an external reference voltage of 2.5 V is
recommended for the AD5380-5, and 1.25 V for the AD5380-3.
DATA DECODING
The AD5382 contains a 14-bit data bus, DB13–DB0. Depending
on the value of REG1 and REG0 (see Table 11), this data is
loaded into the addressed DAC input registers, offset (c)
registers, or gain (m) registers. The format data, offset (c), and
gain (m) register contents are shown in Table 12 to Table 14.
Table 11. Register Selection
REG1
REG0
Register Selected
1
1
Input Data Register (x1)
1
0
Offset Register (c)
0
1
Gain Register (m)
0
0
Special Function Registers (SFRs)
Table 12. DAC Data Format (REG1 = 1, REG0 = 1)
DB13 to DB0
DAC Output (V)
11
1111
1111
1111
2 VREF × (16383/16384)
11
1111
1111
1110
2 VREF × (16382/16384)
10
0000
0000
0001
2 VREF × (8193/16384)
10
0000
0000
0000
2 VREF × (8192/16384)
01
1111
1111
1111
2 VREF × (8191/16384)
00
0000
0000
0001
2 VREF × (1/16384)
00
0000
0000
0000
0
Table 13. Offset Data Format (REG1 = 1, REG0 = 0)
DB13 to DB0
Offset (LSB)
11
1111
1111
1111
+8191
11
1111
1111
1110
+8190
10
0000
0000
0001
+1
10
0000
0000
0000
0
01
1111
1111
1111
–1
00
0000
0000
0001
–8191
00
0000
0000
0000
–8192
Table 14. Gain Data Format (REG1 = 0, REG0 = 1)
DB13 to DB0
Gain Factor
11
1111
1111
1110
1
10
1111
1111
1110
0.75
01
1111
1111
1110
0.5
00
0111
1111
1110
0.25
00
0000
0000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com