Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3013 Datasheet(PDF) 2 Page - IMP, Inc

Part # C3013
Description  CMOS 3mm 10 Volt Single Metal Analog
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C3013 Datasheet(HTML) 2 Page - IMP, Inc

  C3013 Datasheet HTML 1Page - IMP, Inc C3013 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
86
C3013-4-98
Process C3013
Physical Characteristics
Starting Material
N <100>
N+/P+ Width/Space
3.0 / 3.0
µm
Starting Mat. Resistivity
15 - 25
Ω-cm
N+ To P+ Space
12
µm
Typ. Operating Voltage
5V
Contact To Poly Space
2.5
µm
Well Type
P-well
Contact Overlap Of Diffusion
1.5
µm
Metal Layers
1
Contact Overlap Of Poly
1.0
µm
Poly Layers
2
Metal-1 Overlap Of Contact
1.0
µm
Contact Size
2.0x2.0
µm
Minimum Pad Opening
100x100
µm
Metal-1 Width/Space
3.5 / 2.5
µm
Minimum Pad-to-Pad Spacing
55
µm
Gate Poly Width/Space
4.0 / 2.5
µm
Minimum Pad Pitch
80.0
µm
Special Feature of C3013 Process: P-well analog process with single metal CMOS 3.0
µm
technology for 10 Volt applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com