Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD30 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # WD30
Description  Wireless DeviceNet Units Connects Slaves without Wires
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WD30 Datasheet(HTML) 2 Page - Omron Electronics LLC

  WD30 Datasheet HTML 1Page - Omron Electronics LLC WD30 Datasheet HTML 2Page - Omron Electronics LLC WD30 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
128
DeviceNet Wireless Units
WD30
Ordering Information
● Peripheral Devices (Micro Connectors)
● Peripheral Devices
Note: For details on peripheral devices, refer to this catalog.
* The price depends on the license.
Specifications
● General Specifications
* Select a power supply with excess capacity. (We recommend a minimum of 25 W.)
● Wireless Interface Specifications
* Depends on many factors in the installation environment.
● DeviceNet Interface Specifications (Summary)
* FINS message communications are not supported. Explicit messages must be
handled in the ladder program. Refer to the WD30 DeviceNet Wireless Units
Operation Manual for details.
● Compliance with China Radio Standards
In China, radio frequency channel 51 cannot be used. Use channels 2
to 34 or channels 52 to 83. Also, use is prohibited on or near aircraft.
● Certified Standards
● Compliance with UL Standards
Use a class 2 power supply for compliance with UL standards.
Main class 2 power supply: OMRON S8VS (30 W or 60 W)
Switching Power Supply
Dimensions
(Unit: mm)
● WD30 DeviceNet Wireless Unit
* With the WD30-AT001, only the WD-ME/SE or WD30-ME01/SE01 can be used.
Type
Number of I/O
(number of allocated words)
Antenna type
Model
DeviceNet Wireless Master
1,600 inputs max. (100 words)
1,600 outputs max. (100 words)
Pencil-type antenna
WD30-ME
Magnetic base antenna
WD30-ME01
DeviceNet Wireless Slave
512 inputs max. (32 words)
512 outputs max. (32 words)
Pencil-type antenna
WD30-SE
Magnetic base antenna
WD30-SE01
Magnetic base antenna (one)
--
--
WD30-AT001
*
● Enclosed Accessories
The following accessories are included with
a Wireless Master or Wireless Slave.
• Two Antennas
• Instruction Sheet
• Declaration of CE marking certification
• Two M4 screws (with nuts, flat washers,
and spring washers)
Name
Specifications
Model
Shielded T-branch
Connector
Connector with one
branch
Screws
DCN2-1
Smart Click
DCN2-1S
Cable with
Shielded
Connectors
Cables with connectors on
both ends
Screws
DCA1-5CN
@@W1
Smart Click
DCA1-5CS
@@W1
Cables with connector
socket on one end
Screws
DCA1-5CN
@@F1
Smart Click
DCA1-5CS
@@F1
Shielded
Terminator
Plug Connector
Screws
DRS2-1
Smart Click
DRS2-1S
Name
Model
Configurator (PC Card)
3G8E2-DRM21-V1
Configurator Software
WS02-CFDC1-E
FA Integrated Tool Package
CXONE-AL
@@C-E
Item
Specifications
DeviceNet communications
power supply voltage
11 to 25 VDC
(supplied from the communications connector)
Current consumption
*
4 W (350 mA max. (startup), average: 120 mA)
Ambient operating temperature
-10°C to 50°C
Ambient operating humidity
25% to 85% (with no condensation)
Ambient storage temperature
-20°C to 65°C
Vibration resistance
10 to 55 Hz, 0.35-mm amplitude at 50 m/s2
acceleration with 10 sweeps in X, Y and Z directions
for 8 minutes each
Shock resistance
150m/s2, 6 directions, 3 times each
Weight
Approx. 200 g
Item
Specifications
Wave type
Spread Spectrum (direct sequence; DS-SS)
Communications method
Simplex (half duplex)
Frequency band
2.4 GHz (2401 MHz to 2480.2 MHz)
Number of channels
66 channels
Antenna power
10 mW
Data transfer speed between
wireless units
100 kbps
Transmission distance
*
Indoors:
60 m (approx. 50 m with magnetic base
antennas)
Outdoors: 300 m (unobstructed)
Relay stations
3 repeaters max.
Max. number of sets in the same
area
*
10 sets max.
Max. number of wireless Slaves
64 max.
Item
Specifications
Communications
functions
*
Master/Slave
connections
Remote I/O functions, Explicit message
communications
Self-diagnostic
functions
Unit
WDT error, hardware errors (such as memory
and CAN errors), and setting errors
DeviceNet
communications
Duplicate node address errors, Bus OFF
detection, and connection timeout
Device profiles
Communication
control unit
Refer to Appendix A of the WD30 DeviceNet
Wireless Units Operation Manual for various
DeviceNet IDs (vendor, device type =
communication adapter, product code, product
revision, product name, serial number, status,
and I/O unit IDs.)
Approved radio
standards
Japanese radio standards
ARIB STD-T66
U.S. radio standards
FCC part15.247
Canadian radio standards
IC RSS 210
Chinese radio standards
信部無
[2002]353号
Compliant radio
standards
EU radio standards
EN 300 440-2
Approved standards
Safety standards
cULus Listing: UL508/CSA C22.2
No.142
Compliant standards
Safety standards
EN 60950-1
EMC standards
EN 301 489-17
● DeviceNet Wireless Units
WD30-ME
WD30-SE
● DeviceNet Wireless Units
WD30-ME01
WD30-SE01
● Magnetic Base Antenna (1 Antenna)
WD30-AT001
(Included with the WD30-ME01 and WD30-SE01.)
Refer to the WD30 DeviceNet Wireless Units Datasheet (Cat. No. M502, M503) or
WD30 DeviceNet Wireless Units Operation Manual (Cat. No. M071) for more detailed specifications.
39
13.3
115
94
20
10.5
3.8 dia.
35.8 dia.
(Cable length: 2,000)
MS
WD30--ME
V1
WIRELESS UNIT
NS
No.
35
16
59.5
13
159
85
74
62
80
MS
WD30--ME
V1
WIRELESS UNIT
NS WS
No.
59.5
13
85
80
35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com