Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL64LM Datasheet(PDF) 30 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 30 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 26Page - SPANSION MBM29PL64LM Datasheet HTML 27Page - SPANSION MBM29PL64LM Datasheet HTML 28Page - SPANSION MBM29PL64LM Datasheet HTML 29Page - SPANSION MBM29PL64LM Datasheet HTML 30Page - SPANSION MBM29PL64LM Datasheet HTML 31Page - SPANSION MBM29PL64LM Datasheet HTML 32Page - SPANSION MBM29PL64LM Datasheet HTML 33Page - SPANSION MBM29PL64LM Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
MBM29PL64LM90/10
29
Write Operation Status
Detailed in “Hardware Sequence Flags” are all the status flags which can determine the status of the device for
current mode operation. When checking Hardware Sequence Flags during program operation, it should be
checked 4
µs after issuing program command. During sector erase, the part provides the status flags automat-
ically to the I/O ports. The information on DQ2 is address sensitive. If an address from an erasing sector is
consecutively read, then the DQ2 bit will toggle. However DQ2 will not toggle if an address from a non-erasing
sector is consecutively read. This allows the user to determine which sectors are erasing.
Once erase suspend is entered address sensitivity still applies. If the address of a non-erasing sector (one
available for read) is provided, then stored data can be read from the device. If the address of an erasing sector
(one unavailable for read) is applied, the device will output its status bits.
Hardware Sequence Flags
*1 : Successive reads from the erasing or erase-suspend sector will cause DQ2 to toggle.
*2 : Reading from non-erase suspend sector address will indicate logic “1” at the DQ2 bit.
*3 : DQ1 indicates the Write-to-Buffer ABORT status during Write-Buffer-Programming operations.
*4 : The Data Polling algorithm detailed in “Data Polling Algorithm” in sFLOW CHART should be used for Write-
Buffer-Programming operations. Note that DQ7 during Write-Buffer-Programming indicates the data-bar for
DQ7 data for the LAST LOADED WRITE-BUFFER ADDRESS location.
Status
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1*3
In
Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle*1
N/A
Program
Suspend
Mode
Program-Suspend-Read
(Program Suspended Sector)
Data
Data
Data
Data
Data
Data
Program-Suspend-Read
(Non-Program Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase
Suspend
Mode
Erase-Suspend-Read
(Erase Suspended Sector)
1
1
0
0
Toggle*1
N/A
Erase-Suspend-Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase-Suspend-Program
(Non-Erase Suspended Sector)
DQ7
Toggle
0
0
1*2
N/A
Exceeded
Time
Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
N/A
Embedded Erase Algorithm
0
Toggle
1
1
N/A
N/A
Erase
Suspend
Mode
Erase-Suspend-Program
(Non-Erase Suspended Sector)
DQ7
Toggle
1
0
N/A
N/A
Write to
Buffer*4
BUSY State
DQ7
Toggle
0
N/A
N/A
0
Exceeded Timing Limits
DQ7
Toggle
1
N/A
N/A
0
ABORT State
N/A
Toggle
0
N/A
N/A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com